Electronic Components Datasheet Search
  English  ▼

X  

TC105 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC105
Description  PFM/PWM Step-Down DC/DC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC105 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC105_13 Datasheet HTML 2Page - Microchip Technology TC105_13 Datasheet HTML 3Page - Microchip Technology TC105_13 Datasheet HTML 4Page - Microchip Technology TC105_13 Datasheet HTML 5Page - Microchip Technology TC105_13 Datasheet HTML 6Page - Microchip Technology TC105_13 Datasheet HTML 7Page - Microchip Technology TC105_13 Datasheet HTML 8Page - Microchip Technology TC105_13 Datasheet HTML 9Page - Microchip Technology TC105_13 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TC105
DS21349C-page 6
 2001-2012 Microchip Technology Inc.
4.0
APPLICATIONS
4.1
Circuit Examples
Figure 4-3 shows a TC105 using a PNP switching
transistor (Zetex FZT749) that has an hFE of 180 and
VCESAT of 100 mV at IC = 1A. Other high beta transis-
tors can be used, but the values of RB and CB may
need adjustment if hFE is significantly different from that
of the FZT749.
The circuit of Figure 4-4 utilizes a P-channel MOSFET
switching transistor (Silconix Si9430). This transistor is
a member of the Littlefoot™ family of small outline
MOSFETs.
FIGURE 4-1:
SOFT START CIRCUIT
FIGURE 4-2:
EXTERNAL TRANSISTOR CONNECTION
TC105
4
SHDN
SHDN/SS
TC105
4
VIN
CSS
0.033
µF
SHDN/SS
Shutdown Not Used
RSS
470K
Shutdown Used
ON
OFF
(From System
Control Logic)
+
+
–
–
RSS
470K
CSS
0.033
µF
TC105
1
VIN
VOUT
Q
L
D
CL
EXT
CB
RB
TC105
1
VIN
VOUT
P
L
D
EXT
CL
P-Channel MOSFET
PNP Bipolar Transistor
–
+
–
+
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com