Electronic Components Datasheet Search
  English  ▼

X  

TC120 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC120
Description  PWM/PFM Step-Down Combination Regulator/Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC120 Datasheet(HTML) 3 Page - Microchip Technology

  TC120_13 Datasheet HTML 1Page - Microchip Technology TC120_13 Datasheet HTML 2Page - Microchip Technology TC120_13 Datasheet HTML 3Page - Microchip Technology TC120_13 Datasheet HTML 4Page - Microchip Technology TC120_13 Datasheet HTML 5Page - Microchip Technology TC120_13 Datasheet HTML 6Page - Microchip Technology TC120_13 Datasheet HTML 7Page - Microchip Technology TC120_13 Datasheet HTML 8Page - Microchip Technology TC120_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
 2001-2012 Microchip Technology Inc.
DS21365C-page 3
TC120
Electrical Characteristics: Test circuit of Figure 3-1, TA = 25C, VIN = VR x 1.2, Note 1 unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VUVLO
Minimum Operating Voltage
0.9
—
1.8
V
VOUT = VR x 0.9 (Note 2),
SHDN = VIN
Measured with internal transistor
in OFF state and VIN falling
VIH
SHDN Input Logic High,
Threshold Voltage
0.65
—
—
V
VOUT = 0V, (Note 2)
VIL
SHDN Input Logic Low,
Threshold Voltage
—
—
0.20
V
VOUT = 0V, (Note 2)
tPRO
Short Circuit Protection
Response Time
3
5
8
msec
Time from VOUT = 0V to
SHDN = VIL (Note 2)
tSS
Soft Start Time
6
10
16
msec
Note
1:
VR is the factory-programmed output voltage setting.
2:
No external components connected, except CSS.
3:
While operating in PWM Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com