Electronic Components Datasheet Search
  English  ▼

X  

MPSW01 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPSW01
Description  One Watt High Current Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPSW01 Datasheet(HTML) 2 Page - Motorola, Inc

  MPSW01 Datasheet HTML 1Page - Motorola, Inc MPSW01 Datasheet HTML 2Page - Motorola, Inc MPSW01 Datasheet HTML 3Page - Motorola, Inc MPSW01 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MPSW01 MPSW01A
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS(1)
DC Current Gain
(IC = 10 mAdc, VCE = 1.0 Vdc)
(IC = 100 mAdc, VCE = 1.0 Vdc)
(IC = 1000 mAdc, VCE = 1.0 Vdc)
hFE
55
60
50
—
—
—
—
Collector – Emitter Saturation Voltage
(IC = 1000 mAdc, IB = 100 mAdc)
VCE(sat)
—
0.5
Vdc
Base–Emitter On Voltage
(IC = 1000 mAdc, VCE = 1.0 Vdc)
VBE(on)
—
1.2
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = 50 mAdc, VCE = 10 Vdc, f = 20 MHz)
fT
50
—
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
—
20
pF
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
Figure 1. DC Current Gain
Figure 2. Collector Saturation Region
Figure 3. “ON” Voltages
Figure 4. Temperature Coefficient
50
500
10
IC, COLLECTOR CURRENT (mA)
300
200
70
50
30
IB, BASE CURRENT (mA)
1.0
0.8
0.6
0.4
0
IC, COLLECTOR CURRENT (mA)
1.0
0.8
0
IC, COLLECTOR CURRENT (mA)
1.0
–1.2
–1.6
–2.0
–2.4
–2.8
2.0
VCE = 1.0 V
TJ = 25°C
20
100
0.05
10
0.01 0.02
0.1 0.2
200
1000
100
20
50
100
0.2
0.2
0.6
0.4
–0.8
5.0 10
20
50
100 200
0.5
1.0 2.0
5.0
TJ = 25°C
500 1000
qVB FOR VBE
TJ = 25°C
1.0 2.0
5.0
10
20
50
100 200 500 1000
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = 1.0 V
IC =
1000 mA
IC =
500 mA
IC =
10 mA
IC =
50 mA
IC =
100 mA
IC =
250 mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com