Electronic Components Datasheet Search
  English  ▼

X  

TC670 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC670
Description  Tiny Predictive Fan Failure Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC670 Datasheet(HTML) 3 Page - Microchip Technology

  TC670_13 Datasheet HTML 1Page - Microchip Technology TC670_13 Datasheet HTML 2Page - Microchip Technology TC670_13 Datasheet HTML 3Page - Microchip Technology TC670_13 Datasheet HTML 4Page - Microchip Technology TC670_13 Datasheet HTML 5Page - Microchip Technology TC670_13 Datasheet HTML 6Page - Microchip Technology TC670_13 Datasheet HTML 7Page - Microchip Technology TC670_13 Datasheet HTML 8Page - Microchip Technology TC670_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
 2001-2012 Microchip Technology Inc.
DS21688D-page 3
TC670
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, all limits are specified at +25°C, VDD = 3.0V to 5.5V, CLEAR = Low.
FIGURE 2-1:
Supply Current vs. Supply
Voltage.
FIGURE 2-2:
Fan Speed vs. Threshold
Voltage.
FIGURE 2-3:
Fan Speed vs. Threshold
Voltage.
FIGURE 2-4:
ALERT VLOW vs. ALERT
ISINK.
FIGURE 2-5:
Fan Speed vs. ALERTACC.
FIGURE 2-6:
ALERT Output Delay vs.
Power Supply Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
+90°C
+25°C
-45°C
115
70
75
80
85
90
95
100
105
110
Supply Voltage (V)
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
6.0
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
11000
12000
13000
14000
15000
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
THRESHOLD Voltage (V)
VDD = 3.3V
VDD = 3.0V
VDD = 2.7V
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
11000
12000
13000
14000
15000
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
THRESHOLD Voltage (V)
VDD = 3.6V
VDD = 5.5V
VDD = 5.0V
0
20
40
60
80
100
120
140
160
0.5
1
1.5
2
2.5
3
3.5
4
4.5
ALERT ISINK (mA)
VDD = 3.0V
VDD = 5.5V
3000
4000
5000
6000
7000
8000
9000
10000
11000
12000
13000
-10.0 -8.0 -6.0 -4.0 -2.0 0.0
2.0
4.0
6.0
8.0 10.0
ALERTACC (%)
VDD = 3.0V
TA = -40˚C
TA = +25˚C
TA = +90˚C
168
169
170
171
172
173
174
175
176
177
2.5
3.0
3.5
4.0
4.5
5.0
Power Supply Voltage (VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com