Electronic Components Datasheet Search
  English  ▼

X  

AD584SH Datasheet(PDF) 6 Page - Analog Devices

Part # AD584SH
Description  Pin Programmable, Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD584SH Datasheet(HTML) 6 Page - Analog Devices

Back Button AD584SH Datasheet HTML 2Page - Analog Devices AD584SH Datasheet HTML 3Page - Analog Devices AD584SH Datasheet HTML 4Page - Analog Devices AD584SH Datasheet HTML 5Page - Analog Devices AD584SH Datasheet HTML 6Page - Analog Devices AD584SH Datasheet HTML 7Page - Analog Devices AD584SH Datasheet HTML 8Page - Analog Devices AD584SH Datasheet HTML 9Page - Analog Devices AD584SH Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD584
Data Sheet
Rev. C | Page 6 of 12
THEORY OF OPERATION
APPLYING THE AD584
With power applied to Pin 8 and Pin 4 and all other pins open,
the AD584 produces a buffered nominal 10.0 V output between
Pin 1 and Pin 4 (see Figure 3). The stabilized output voltage can
be reduced to 7.5 V, 5.0 V, or 2.5 V by connecting the programming
pins as shown in Table 4.
Table 4.
Output
Voltage (V)
Pin Programming
7.5
Join the 2.5 V (Pin 3) and 5.0 V (Pin 2) pins.
5.0
Connect the 5.0 V pin (Pin 2) to the output pin (Pin 1).
2.5
Connect the 2.5 V pin (Pin 3) to the output pin (Pin 1).
The options shown in Table 4 are available without the use of any
additional components. Multiple outputs using only one AD584
can be provided by buffering each voltage programming pin
with a unity-gain, noninverting op amp.
Figure 3. Variable Output Options
The AD584 can also be programmed over a wide range of output
voltages, including voltages greater than 10 V, by the addition
of one or more external resistors. Figure 3 illustrates the general
adjustment procedure, with approximate values given for the
internal resistors of the AD584. The AD584 may be modeled
as an op amp with a noninverting feedback connection, driven
by a high stability 1.215 V band gap reference (see Figure 5 for
schematic).
When the feedback ratio is adjusted with external resistors, the
output amplifier can be made to multiply the reference voltage
by almost any convenient amount, making popular outputs of
10.24 V, 5.12 V, 2.56 V, or 6.3 V easy to obtain. The most general
adjustment (which gives the greatest range and poorest resolution)
uses R1 and R2 alone (see Figure 3). As R1 is adjusted to its upper
limit, the 2.5V pin (Pin 3) is connected to the output, which
reduces to 2.5 V. As R1 is adjusted to its lower limit, the output
voltage rises to a value limited by R2. For example, if R2 is
approximately 6 kΩ, the upper limit of the output range is
approximately 20 V, even for the large values of R1. Do not
omit R2; choose its value to limit the output to a value that can
be tolerated by the load circuits. If R2 is zero, adjusting R1 to its
lower limit results in a loss of control over the output voltage.
When precision voltages are set at levels other than the standard
outputs, account for the 20% absolute tolerance in the internal
resistor ladder.
Alternatively, the output voltage can be raised by loading the
2.5 V tap with R3 alone. The output voltage can be lowered by
connecting R4 alone. Either of these resistors can be a fixed
resistor selected by test or an adjustable resistor. In all cases, the
resistors should have a low temperature coefficient to match the
AD584 internal resistors, which have a negative temperature
coefficient less than 60 ppm/°C. If both R3 and R4 are used,
these resistors should have matching temperature coefficients.
When only small adjustments or trims are required, the circuit
in Figure 4 offers better resolution over a limited trim range. The
circuit can be programmed to 5.0 V, 7.5 V, or 10 V, and it can be
adjusted by means of R1 over a range of about ±200 mV. To trim
the 2.5 V output option, R2 (see Figure 4) can be reconnected to
the band gap reference (Pin 6). In this configuration, limit the
adjustment to ±100 mV to avoid affecting the performance of
the AD584.
Figure 4. Output Trimming
Figure 5. Schematic Diagram
AD584
VSUPPLY
VOUT
8
1
2
3
6
1.215V
10V
5V
*
2.5V
12kΩ
6kΩ
VBG
R4
4
COMMON
R1
R2
R3
6kΩ
24kΩ
* THE 2.5V TAP IS USED INTERNALLY AS A BIAS POINT
AND SHOULD NOT BE CHANGED BY MORE THAN 100mV
IN ANY TRIM CONFIGURATION.
AD584
VOUT
1
10.0V
8
V+
4
COMMON
2
5.0V
3
2.5V
6
VBG
R1
10kΩ
R2
300kΩ
R38
R40
Q10
Q16
Q13
Q11
Q14
Q12
Q15
SUB
CAP
R41
R42
R34
R37
R35
R30
R31
R36
Q6
Q8
Q5
C51
C52
C50
Q20
Q7
STROBE
V+
OUT 10V
5V TAP
2.5V TAP
VBG
V–
R32
R33
Q3
Q4
Q2
Q1
R39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com