Electronic Components Datasheet Search
  English  ▼

X  

AD636JDZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD636JDZ
Description  Low Level, True RMS-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD636JDZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD636JDZ Datasheet HTML 3Page - Analog Devices AD636JDZ Datasheet HTML 4Page - Analog Devices AD636JDZ Datasheet HTML 5Page - Analog Devices AD636JDZ Datasheet HTML 6Page - Analog Devices AD636JDZ Datasheet HTML 7Page - Analog Devices AD636JDZ Datasheet HTML 8Page - Analog Devices AD636JDZ Datasheet HTML 9Page - Analog Devices AD636JDZ Datasheet HTML 10Page - Analog Devices AD636JDZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
AD636
Rev. E | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
1.0
0.5
0
0
1k
10k
100k
1M
REXTERNAL (Ω)
RL = 50kΩ
RL = 16.7kΩ
RL = 6.7kΩ
Figure 4. Ratio of Peak Negative Swing to −VS vs. REXTERNAL
for Several Load Resistances
FREQUENCY (Hz)
1V rms INPUT
200mV rms INPUT
100mV rms INPUT
30mV rms INPUT
1mV rms INPUT
10%
±3dB
1%
10mV rms
INPUT
1k
10k
100k
1M
10M
1
200m
100m
10m
1m
30m
0.1m
Figure 5. AD636 Frequency Response
CREST FACTOR
0.5
0
–1.0
–0.5
T
VP
0
200µs
EO
= DUTY CYCLE =
CF = 1/
EIN (rms) = 200mV
200µs
T
ŋ
ŋ
1
2
3
4
5
6
7
Figure 6. Error vs. Crest Factor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com