Electronic Components Datasheet Search
  English  ▼

X  

TC1016 Datasheet(PDF) 19 Page - Microchip Technology

Part # TC1016
Description  80 mA, Tiny CMOS LDO With Shutdown
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1016 Datasheet(HTML) 19 Page - Microchip Technology

Back Button TC1016_13 Datasheet HTML 14Page - Microchip Technology TC1016_13 Datasheet HTML 15Page - Microchip Technology TC1016_13 Datasheet HTML 16Page - Microchip Technology TC1016_13 Datasheet HTML 17Page - Microchip Technology TC1016_13 Datasheet HTML 18Page - Microchip Technology TC1016_13 Datasheet HTML 19Page - Microchip Technology TC1016_13 Datasheet HTML 20Page - Microchip Technology TC1016_13 Datasheet HTML 21Page - Microchip Technology TC1016_13 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
© 2005 Microchip Technology Inc.
DS21666A-page 19
TC1016
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Device:
TC1016:
80 mA Tiny CMOS LDO with Shutdown
Voltage Options*:
(Standard)
1.8V
1.85V
2.6V
2.7V
2.8V
2.85V
2.9V
3.0V
3.3V
4.0V
* Other voltage options available. Please contact your local
Microchip sales office for details.
Temperature Range:
V
=
-40°C to +125°C
Packages:
LTTR = 5-pin SC-70 (Tape and Reel)
CTTR = 5-pin SOT-23 (Tape and Reel)
Examples:
a)
TC1016-1.8VCTTR:
80 mA Tiny CMOS
LDO with Shutdown,
SOT-23 Package.
a)
TC1016-1.8VLTTR:
80 mA Tiny CMOS LDO
with Shutdown,
SC-70 Package.
b)
TC1016-1.85VCTTR: 80 mA Tiny CMOS
LDO with Shutdown,
SOT-23 Package.
c)
TC1016-1.85VLTTR: 80 mA Tiny CMOS LDO
with Shutdown,
SC-70 Package.
d)
TC1016-2.6VCTTR:
80 mA Tiny CMOS
LDO with Shutdown,
SOT-23 Package.
e)
TC1016-2.6VLTTR:
80 mA Tiny CMOS LDO
with Shutdown,
SC-70 Package.
f)
TC1016-2.7VCTTR:
80 mA Tiny CMOS
LDO with Shutdown,
SOT-23 Package.
g)
TC1016-2.7VLTTR:
80 mA Tiny CMOS LDO
with Shutdown,
SC-70 Package.
h)
TC1016-2.8VCTTR:
80 mA Tiny CMOS
LDO with Shutdown,
SOT-23 Package.
i)
TC1016-2.8VLTTR:
80 mA Tiny CMOS LDO
with Shutdown,
SC-70 Package.
j)
TC1016-2.85VLTTR: 80 mA Tiny CMOS LDO
with Shutdown,
SC-70 Package.
PART NO.
X.XX
X
Temperature
Voltage
Options
Device
Range
XXXX
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com