Electronic Components Datasheet Search
  English  ▼

X  

TC1173 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1173
Description  300mA CMOS LDO with Shutdown ERROR Output and Bypass
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1173 Datasheet(HTML) 5 Page - Microchip Technology

  TC1173_13 Datasheet HTML 1Page - Microchip Technology TC1173_13 Datasheet HTML 2Page - Microchip Technology TC1173_13 Datasheet HTML 3Page - Microchip Technology TC1173_13 Datasheet HTML 4Page - Microchip Technology TC1173_13 Datasheet HTML 5Page - Microchip Technology TC1173_13 Datasheet HTML 6Page - Microchip Technology TC1173_13 Datasheet HTML 7Page - Microchip Technology TC1173_13 Datasheet HTML 8Page - Microchip Technology TC1173_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
 2002-2012 Microchip Technology Inc.
DS21362C-page 5
TC1173
4.0
THERMAL CONSIDERATIONS
4.1
Thermal Shutdown
Integrated thermal protection circuitry shuts the
regulator off when die temperature exceeds 150°C.
The regulator remains off until the die temperature
drops to approximately 140°C.
4.2
Power Dissipation
The amount of power the regulator dissipates is
primarily a function of input and output voltage, and
output current. The following equation is used to
calculate worst case actual power dissipation:
EQUATION 4-1:
The maximum allowable power dissipation (Equation
4-2) is a function of the maximum ambient temperature
(TAMAX), the maximum allowable die temperature
(TJMAX) and the thermal resistance from junction-to-air
(
JA). The 8-Pin SOIC package has a JA of approxi-
mately 160°C/Watt, while the 8-Pin MSOP package
has a
JA of approximately 200°C/Watt.
EQUATION 4-2:
Equation 4-1 can be used in conjunction with Equation
4-2
to ensure regulator thermal operation is within
limits. For example:
Given:
VINMAX
= 3.0V ± 10%
VOUTMIN = 2.7V ± 0.5%
ILOADMAX = 250mA
TJMAX
= 125°C
TAMAX
= 55°C
JA
= 200°C/W
8-Pin MSOP Package
Find: 1. Actual power dissipation
2. Maximum allowable dissipation
Actual power dissipation:
PD  (VINMAX – VOUTMIN)ILOADMAX
= [(3.0 x 1.1) – (2.7 x .995)]250 x 10–3
= 155mW
Maximum allowable power dissipation:
In this example, the TC1173 dissipates a maximum of
155mW; below the allowable limit of 350mW. In a
similar manner, Equation 4-1 and Equation 4-2 can be
used to calculate maximum current and/or input
voltage limits. For example, the maximum allowable
VIN is found by substituting the maximum allowable
power dissipation of 250mW into Equation 4-1, from
which VINMAX = 4.1V.
4.3
Layout Considerations
The primary path of heat conduction out of the package
is via the package leads. Therefore, layouts having a
ground plane, wide traces at the pads, and wide power
supply bus lines combine to lower
JA and therefore
increase the maximum allowable power dissipation
limit.
Where:
PD  (VINMAX – VOUTMIN)ILOADMAX
PD
VINMAX
VOUTMIN
ILOADMAX
= Worst case actual power dissipation
= Minimum regulator output voltage
= Maximum output (load) current
= Maximum voltage on VIN
PDMAX = (TJMAX – TAMAX)
JA
Where all terms are previously defined.
PDMAX = (TJMAX – TAMAX)
JA
= (125 – 55)
200
= 350mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com