Electronic Components Datasheet Search
  English  ▼

X  

TC1263 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC1263
Description  500 mA, Fixed-Output, CMOS LDO with Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1263 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1263_13 Datasheet HTML 2Page - Microchip Technology TC1263_13 Datasheet HTML 3Page - Microchip Technology TC1263_13 Datasheet HTML 4Page - Microchip Technology TC1263_13 Datasheet HTML 5Page - Microchip Technology TC1263_13 Datasheet HTML 6Page - Microchip Technology TC1263_13 Datasheet HTML 7Page - Microchip Technology TC1263_13 Datasheet HTML 8Page - Microchip Technology TC1263_13 Datasheet HTML 9Page - Microchip Technology TC1263_13 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TC1263
DS21374D-page 6
 2002-2012 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Regulated Output Voltage (VOUT)
VOUT is a regulated voltage output.
3.2
Ground (GND)
Ground terminal.
3.3
Reference Bypass (BYPASS)
Reference bypass input. Connect a 470 pF to the
BYPASS input to further reduce output noise.
3.4
Out-of-Regulation Flag (ERROR)
Out-of-Regulation Flag (open-drain output). ERROR
goes
low
when
VOUT is
out-of-tolerance
by
approximately – 5%.
3.5
Shutdown Control (SHDN)
Shutdown control input. The regulator is fully enabled
when a logic-high is applied to SHDN. The regulator
enters shutdown when a logic-low is applied to this
input. During shutdown, output voltage falls to zero and
supply current is reduced to 0.05 µA (typical).
3.6
Unregulated Supply (VIN)
VIN is an unregulated supply input.
Pin No.
(8-Pin SOIC)
Pin No.
(5-Pin DDPAK)
(5-Pin TO-220)
Symbol
Description
15
VOUT
Regulated voltage output
2
3
GND
Ground terminal
3
—
NC
No connect
4
1
BYPASS
Reference bypass input
5
—
ERROR
Out-of-Regulation Flag (open-drain output).
6
2
SHDN
Shutdown control input
7
—
NC
No connect
84
VIN
Unregulated supply input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com