Electronic Components Datasheet Search
  English  ▼

X  

TC1232EPA Datasheet(PDF) 6 Page - Microchip Technology

Part # TC1232EPA
Description  Microprocessor Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1232EPA Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1232EPA Datasheet HTML 2Page - Microchip Technology TC1232EPA Datasheet HTML 3Page - Microchip Technology TC1232EPA Datasheet HTML 4Page - Microchip Technology TC1232EPA Datasheet HTML 5Page - Microchip Technology TC1232EPA Datasheet HTML 6Page - Microchip Technology TC1232EPA Datasheet HTML 7Page - Microchip Technology TC1232EPA Datasheet HTML 8Page - Microchip Technology TC1232EPA Datasheet HTML 9Page - Microchip Technology TC1232EPA Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TC1232
DS21370D-page 6
Preliminary
 2002-2012 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLES
Pin No.
Symbol
Pin
Type
Buffer/
Driver
Type
Function
8-pin
PDIP,
SOIC
16-pin
SOIC
1
2
PB RST
I
ST
Push-button Reset Input.
Input for a Manual Reset Switch. This input debounces (ignores) pulses
less than 1 ms in duration and is ensured to recognize inputs of 20 ms or
greater.
L = Manual Reset Switch is Active, Force RST/RST pins Active
H = Manual Reset Switch is Inactive. State of RST/RST pins determined by
other system conditions.
2
4
TD
I
ST
Time Delay Input.
The voltage level on this input determines the watchdog timer time-out
period.
TD = 0V
 t
TD = 150 ms
TD = Open
 t
TD = 600 ms
TD = VCC
 t
TD = 1.2 sec
3
6
TOL
I
ST
Tolerance Input.
TOL = GND, Max Voltage Trip Point (VCCTP) = 4.75V (5% tolerance)
TOL = VCC, Max Voltage Trip Point (VCCTP) = 4.5V (10% tolerance)
4
8
GND
—
P
The ground reference for the device.
59
RST
O
Push
Pull
Reset Output (Active-High)
Goes active (High) if one of these conditions occurs:
1.
If VCC falls below the selected reset voltage threshold.
2.
If PB RST pin is forced low.
3.
If ST pin is not strobed within the minimum selected time-out period.
(see TD pin)
4.
During power-up
611
RST
O
Open
Drain
Reset Output (Active-Low)
Goes active (Low) if one of these conditions occurs:
1.
If VCC falls below the selected reset voltage threshold.
2.
If PB RST pin is forced low.
3.
If ST pin is not strobed within the minimum selected time-out period.
(see TD pin)
4.
During power-up
713
ST
I
ST
Strobe Input
Input for Watchdog Timer. WDT period determined by state of TD pin
Falling Edge
 Resets Watchdog Timer counter (no time-out)
815
VCC
—
P
The positive supply (+5V) for the device.
—
1,3,5,
7,10,1
2,16
NC
—
—
No internal connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com