Electronic Components Datasheet Search
  English  ▼

X  

PE4422 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4422
Description  SMA Female Bulkhead Connector Crimp/Solder (Captive Contact) Attachment For RG316, RG174, RG188, .235 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4422 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4422 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4422 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female Bulkhead Connector Crimp/Solder
Attachment For RG178, RG196, .235 inch D Hole
SMA Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .235 inch D Hole
Configuration
Connector
SMA Female
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.25 [31.75]
Width/Dia., in [mm]
0.312 [8]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .235 inch D Hole from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE4422
URL: http://www.pasternack.com/sma-female-standard-rg178-rg196-connector-pe4422-p.aspx
PE4422
PE4422 REV


Similar Part No. - PE4422

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4422 PASTERNACK-PE4422 Datasheet
322Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE44220 PASTERNACK-PE44220 Datasheet
292Kb / 3P
2.4mm Male Connector Solder Attachment 2 Hole Flange Pin Terminal, .481 inch Hole Spacing
PE44221 PASTERNACK-PE44221 Datasheet
277Kb / 2P
2.4mm Male Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE44222 PASTERNACK-PE44222 Datasheet
286Kb / 2P
2.4mm Male Threaded Connector Field Replaceable Attachment 0.012 inch Pin
PE44223 PASTERNACK-PE44223 Datasheet
211Kb / 3P
2.4mm Male Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing
More results

Similar Description - PE4422

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44196 PASTERNACK-PE44196 Datasheet
261Kb / 3P
RT SMA Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .235 inch D Hole
PE4428 PASTERNACK-PE4428 Datasheet
124Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG174 RG188 &RG316(CAPTIVE CONTACT)
PE4858 PASTERNACK-PE4858 Datasheet
272Kb / 3P
RP SMA Female Bulkhead Connector Clamp/Solder Attachment For RG174, RG316, RG188, .235 inch D Hole
PE4427 PASTERNACK-PE4427 Datasheet
255Kb / 2P
SMA Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .235 inch D Hole
PE4187 PASTERNACK-PE4187 Datasheet
211Kb / 2P
SMA Female Bulkhead Connector Crimp/Solder (Captive Contact) Attachment For RG316, RG174, RG188, .235 inch D Hole
PE4188 PASTERNACK-PE4188 Datasheet
89Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG174 RG188 & RG316
PE4032 PASTERNACK-PE4032 Datasheet
282Kb / 2P
SMA Female Bulkhead Connector Clamp-Solder Attachment For RG316, RG174, RG188, .235 inch D Hole
PE4589 PASTERNACK-PE4589 Datasheet
353Kb / 3P
SMA Male Connector Crimp - Solder (Captive Contact) Attachment for RG174, RG316, RG188
PE44643 PASTERNACK-PE44643 Datasheet
208Kb / 2P
SMA Female Bulkhead Connector Crimp - Solder Attachment For RG174, RG188, RG316, .252 inch D Hole
PE4859 PASTERNACK-PE4859 Datasheet
266Kb / 3P
RP SMA Female Bulkhead Connector Crimp - Solder Attachment For RG174, RG316, RG188, .235 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com