Electronic Components Datasheet Search
  English  ▼

X  

TC1320EUA Datasheet(PDF) 9 Page - Microchip Technology

Part # TC1320EUA
Description  8-Bit Digital-to-Analog Converter with Two-Wire Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1320EUA Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC1320EUA Datasheet HTML 5Page - Microchip Technology TC1320EUA Datasheet HTML 6Page - Microchip Technology TC1320EUA Datasheet HTML 7Page - Microchip Technology TC1320EUA Datasheet HTML 8Page - Microchip Technology TC1320EUA Datasheet HTML 9Page - Microchip Technology TC1320EUA Datasheet HTML 10Page - Microchip Technology TC1320EUA Datasheet HTML 11Page - Microchip Technology TC1320EUA Datasheet HTML 12Page - Microchip Technology TC1320EUA Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
 2002-2012 Microchip Technology Inc.
DS21386C-page 9
TC1320
TABLE 4-4:
DATA REGISTER (DATA),
8-BIT, READ/WRITE
The DAC output voltage is a function of reference volt-
age and the binary value of the contents of the Data reg-
ister. The transfer function is given by the expression:
EQUATION 4-1:
4.7
Register Set Summary
The TC1320’s register set is summarized in Table 4-5
below. All registers are 8-bits wide.
TABLE 4-5:
TC1320 REGISTER SET
SUMMARY
Data Register (DATA)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
MSB
XXXX
X
X
LSB
V
OUT
V
REF
x
DATA
256
-----------------
=
Name
Description
POR State
Read
Write
Data
Data Register
0000 0000b
XX
Config
CONFIG Register 0000 0000b
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com