Electronic Components Datasheet Search
  English  ▼

X  

TC1427 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC1427
Description  1.2A Dual High-Speed MOSFET Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1427 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1427 Datasheet HTML 3Page - Microchip Technology TC1427 Datasheet HTML 4Page - Microchip Technology TC1427 Datasheet HTML 5Page - Microchip Technology TC1427 Datasheet HTML 6Page - Microchip Technology TC1427 Datasheet HTML 7Page - Microchip Technology TC1427 Datasheet HTML 8Page - Microchip Technology TC1427 Datasheet HTML 9Page - Microchip Technology TC1427 Datasheet HTML 10Page - Microchip Technology TC1427 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
 2001-2012 Microchip Technology Inc.
DS21393D-page 7
TC1426/TC1427/TC1428
4.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
550
440
330
220
110
0
57
9
11
13
15
VDD (V)
10,000 pF
4700 pF
2200 pF
Rise Time vs. Supply Voltage
330
264
198
132
66
0
10,000 pF
2200 pF
4700 pF
57
9
11
13
15
Fall Time vs. Supply Voltage
tD1
5
7
9
11
13
15
80
70
60
50
40
30
Delay Time vs. Supply Voltage
TA = +25°C
TA = +25°C
CL = 1000 pF
TA = +25°C
VDD (V)
VDD (V)
tD2
40
32
24
16
8
0
25
45
65
85
105
125
TEMPERATURE (
°C)
Rise and Fall Times vs. Temperature
60
54
48
42
36
0
25
45
65
85
105
125
TEMPERATURE (
°C)
Delay Time vs. Temperature
30
24
18
12
6
0
100
520
940
1360
1780
2200
CAPACITIVE LOAD (pF)
500 kHz
200 kHz
20 kHz
Supply Current vs. Capacitive Load
CL = 1000 pF
VDD = +15V
TA = +25°C
CL = 1000 pF
VDD = +15V
CL = 1000 pF
VDD = +15V
tD1
tD2
tFALL
tRISE
CAPACITIVE LOAD (pF)
100
1000
10,000
1000
100
10
10 VDD
5 VDD
15 VDD
Rise Time vs. Capacitive Load
1000
100
10
100
1000
10,000
CAPACITIVE LOAD (pF)
5 VDD
10 VDD
Fall Time vs. Capacitive Load
15VDD
100
80
60
40
20
0
10
100
1000
10,000
VDD = 15V
VDD = 10V
V
= 5V
DD
FREQUENCY (kHz)
Supply Current vs. Frequency
CL = 1000 pF
TA = +25°C
TA = +25°C
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com