Electronic Components Datasheet Search
  English  ▼

X  

TC1427CPA Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1427CPA
Description  1.2A Dual High-Speed MOSFET Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1427CPA Datasheet(HTML) 1 Page - Microchip Technology

  TC1427CPA Datasheet HTML 1Page - Microchip Technology TC1427CPA Datasheet HTML 2Page - Microchip Technology TC1427CPA Datasheet HTML 3Page - Microchip Technology TC1427CPA Datasheet HTML 4Page - Microchip Technology TC1427CPA Datasheet HTML 5Page - Microchip Technology TC1427CPA Datasheet HTML 6Page - Microchip Technology TC1427CPA Datasheet HTML 7Page - Microchip Technology TC1427CPA Datasheet HTML 8Page - Microchip Technology TC1427CPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 2001-2012 Microchip Technology Inc.
DS21393D-page 1
TC1426/TC1427/TC1428
Features:
•Low Cost
• Latch-Up Protected: Will Withstand 500 mA
Reverse Output Current
• ESD Protected ±2kV
• High Peak Output Current: 1.2A
• Wide Operating Range:
- 4.5V to 16V
• High Capacitive Load Drive Capability: 1000 pF in
38 nsec
• Low Delay Time: 75 nsec Max
• Logic Input Threshold Independent of Supply
Voltage
• Output Voltage Swing to Within 25 mV of Ground
or VDD
• Low Output Impedance: 8
Applications:
• Power MOSFET Drivers
• Switched Mode Power Supplies
• Pulse Transformer Drive
• Small Motor Controls
• Print Head Drive
Device Selection Table
Package Type
General Description:
The TC1426/TC1427/TC1428 are a family of 1.2A dual
high-speed drivers. CMOS fabrication is used for low-
power consumption and high efficiency.
These devices are fabricated using an epitaxial layer to
effectively short out the intrinsic parasitic transistor
responsible for CMOS latch-up. They incorporate a
number of other design and process refinements to
increase their long-term reliability.
The TC1426 is compatible with the bipolar DS0026, but
only draws 1/5 of the quiescent current. The TC1426/
TC1427/TC1428 are also compatible with the TC426/
TC427/TC428, but with 1.2A peak output current rather
than the 1.5A of the TC426/TC427/TC428 devices.
Other compatible drivers are the TC4426/TC4427/
TC4428 and the TC4426A/TC4427A/TC4428A. The
TC4426/TC4427/TC4428 have the added feature that
the inputs can withstand negative voltage up to 5V with
diode protection circuits. The TC4426A/TC4427A/
TC4428A have matched input to output leading edge
and falling edge delays, tD1 and tD2, for processing
short duration pulses in the 25 nanoseconds range. All
of the above drivers are pin compatible.
The high-input impedance TC1426/TC1427/TC1428
drivers are CMOS/TTL input-compatible, do not require
the speed-up needed by the bipolar devices, and can
be directly driven by most PWM ICs.
This family of devices is available in inverting and non-
inverting versions. Specifications have been optimized
to achieve low-cost and high-performance devices,
well-suited for the high-volume manufacturer.
Part Number
Package
Temp. Range
TC1426COA
8-Pin SOIC
0°C to +70°C
TC1426CPA
8-Pin PDIP
0°C to +70°C
TC1427COA
8-Pin SOIC
0°C to +70°C
TC1427CPA
8-Pin PDIP
0°C to +70°C
TC1428COA
8-Pin SOIC
0°C to +70°C
TC1428CPA
8-Pin PDIP
0°C to +70°C
TC1426CPA
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
VDD
2, 4
7, 5
Inverting
TC1427CPA
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
2, 4
7, 5
Noninverting
TC1428CPA
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
27
45
VDD
VDD
TC1426COA
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
VDD
NC = No connection
2, 4
7, 5
Inverting
TC1427COA
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
2, 4
7, 5
Noninverting
TC1428COA
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
27
45
VDD
VDD
8-Pin PDIP/SOIC
1.2A Dual High-Speed MOSFET Drivers


Similar Part No. - TC1427CPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1427CPA TELCOM-TC1427CPA Datasheet
81Kb / 6P
1.2A DUAL HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1427CPA MICROCHIP-TC1427CPA Datasheet
453Kb / 14P
1.2A Dual High-Speed MOSFET Drivers
2002
TC1427CPA MICROCHIP-TC1427CPA Datasheet
568Kb / 14P
1.2A Dual High-Speed MOSFET Drivers
2006
More results

Similar Description - TC1427CPA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34151 ONSEMI-MC34151 Datasheet
284Kb / 12P
High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
logo
TelCom Semiconductor, I...
TC1426 TELCOM-TC1426 Datasheet
81Kb / 6P
1.2A DUAL HIGH-SPEED MOSFET DRIVERS
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
DUAL HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1426 MICROCHIP-TC1426 Datasheet
453Kb / 14P
1.2A Dual High-Speed MOSFET Drivers
2002
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
logo
Microchip Technology
TC1426 MICROCHIP-TC1426_06 Datasheet
568Kb / 14P
1.2A Dual High-Speed MOSFET Drivers
2006
logo
ON Semiconductor
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com