Electronic Components Datasheet Search
  English  ▼

X  

TC2185 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC2185
Description  50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2185 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC2185 Datasheet HTML 6Page - Microchip Technology TC2185 Datasheet HTML 7Page - Microchip Technology TC2185 Datasheet HTML 8Page - Microchip Technology TC2185 Datasheet HTML 9Page - Microchip Technology TC2185 Datasheet HTML 10Page - Microchip Technology TC2185 Datasheet HTML 11Page - Microchip Technology TC2185 Datasheet HTML 12Page - Microchip Technology TC2185 Datasheet HTML 13Page - Microchip Technology TC2185 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TC2014/2015/2185
DS21662F-page 10
 2001-2012 Microchip Technology Inc.
4.0
DETAILED DESCRIPTION
The TC2014, TC2015 and TC2185 are precision fixed-
output voltage regulators (if an adjustable version is
needed, see the TC1070, TC1071 and TC1187
(DS21353) data sheet). Unlike bipolar regulators, the
TC2014, TC2015 and TC2185 supply current does not
increase with load current. In addition, the LDO’s out-
put voltage is stable using 1 µF of ceramic or tantalum
capacitance over the entire specified input voltage
range and output current range.
Figure 4-1 shows a typical application circuit. The reg-
ulator is enabled anytime the shutdown input (SHDN)
is at or above VIH, and disabled (shutdown) when
SHDN is at or below VIL. SHDN may be controlled by a
CMOS logic gate or I/O port of a microcontroller. If the
SHDN input is not required, it should be connected
directly to the input supply. While in shutdown, the
supply current decreases to 0.05 µA (typical) and VOUT
falls to zero volts.
FIGURE 4-1:
Typical Application Circuit.
4.1
Bypass Input
A 0.01 µF ceramic capacitor, connected from the
Bypass input to ground, reduces noise present on the
internal reference, which, in turn, significantly reduces
output noise. If output noise is not a concern, this input
may be left unconnected. Larger capacitor values may
be used, but the result is a longer time period to rated
output voltage when power is initially applied.
4.2
Output Capacitor
A 1 µF (min) capacitor from VOUT to ground is required.
The output capacitor should have an Effective Series
Resistance (ESR) of 0.01
 to 5 for V
OUT  2.5V, and
0.05
. to 5 for V
OUT < 2.5V. Ceramic, tantalum or alu-
minum electrolytic capacitors can be used. When using
ceramic capacitors, X5R and X7R dielectric material
are recommended due to their stable tolerance over
temperature. However, other dielectrics can be used as
long as the minimum output capacitance is maintained.
4.3
Input Capacitor
A 1 µF capacitor should be connected from VIN to GND
if there is more than 10 inches of wire between the reg-
ulator and this AC filter capacitor, or if a battery is used
as the power source. Aluminum electrolytic or tantalum
capacitors can be used (since many aluminum electro-
lytic capacitors freeze at approximately -30°C, solid
tantalum are recommended for applications operating
below -25°C). When operating from sources other than
batteries,
supply-noise
rejection
and
transient
response can be improved by increasing the value of
the input and output capacitors and employing passive
filtering techniques.
0.01 µF
Reference
Bypass Cap
(Optional)
Shutdown Control
(from Power Control Logic)
TC2014
TC2015
TC2185
VIN
1
2
34
5
VOUT
Bypass
SHDN
GND
VOUT
1µF
1µF
Battery
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com