Electronic Components Datasheet Search
  English  ▼

X  

AD5302ARM Datasheet(PDF) 16 Page - Analog Devices

Part # AD5302ARM
Description  2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5302ARM Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5302ARM Datasheet HTML 12Page - Analog Devices AD5302ARM Datasheet HTML 13Page - Analog Devices AD5302ARM Datasheet HTML 14Page - Analog Devices AD5302ARM Datasheet HTML 15Page - Analog Devices AD5302ARM Datasheet HTML 16Page - Analog Devices AD5302ARM Datasheet HTML 17Page - Analog Devices AD5302ARM Datasheet HTML 18Page - Analog Devices AD5302ARM Datasheet HTML 19Page - Analog Devices AD5302ARM Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD5302/AD5312/AD5322
Rev. D | Page 16 of 24
POWER-DOWN MODES
The AD5302/AD5312/AD5322 have very low power consump-
tion, dissipating only 0.7 mW with a 3 V supply and 1.5 mW
with a 5 V supply. Power consumption can be further reduced
when the DACs are not in use by putting them into one of three
power-down modes, which are selected by Bit 13 and Bit 12
(PD1 and PD0) of the control word. Table 7 shows how the
state of the bits corresponds to the mode of operation of that
particular DAC.
Table 7. PD1/PD0 Operating Modes
PD1
PDO
Operating Mode
0
0
Normal Operation
0
1
Power-Down (1 kΩ Load to GND)
1
0
Power-Down (100 kΩ Load to GND)
1
1
Power-Down (High Impedance Output)
When both bits are set to 0, the DACs work normally with
their normal power consumption of 300 μA at 5 V. However,
for the three power-down modes, the supply current falls to
200 nA at 5 V (50 nA at 3 V). Not only does the supply current
drop, but the output stage is also internally switched from the
output of the amplifier to a resistor network of known values.
This has the advantage that the output impedance of the part is
known while the part is in power-down mode and provides a
defined input condition for whatever is connected to the output
of the DAC amplifier. There are three different options.
•
The output is connected internally to GND through a
1 kΩ resistor,
•
The output is connected internally to GND through a
100 kΩ resistor, or
•
The output is left open-circuited (three-state).
The output stage is illustrated in Figure 33.
The bias generator, the output amplifier, the resistor string,
and all other associated linear circuitry are shut down when
the power-down mode is activated. However, the contents of
the registers are unaffected when in power-down. The time to
exit power-down is typically 2.5 μs for VDD = 5 V and 5 μs when
VDD = 3 V. See Figure 23 for a plot.
RESISTOR-
STRING DAC
AMPLIFIER
VOUT
POWER-DOWN
CIRCUITRY
RESISTOR
NETWORK
Figure 33. Output Stage During Power-Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com