Electronic Components Datasheet Search
  English  ▼

X  

TC4403MJA Datasheet(PDF) 7 Page - Microchip Technology

Part # TC4403MJA
Description  1.5A High-Speed, Floating Load Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4403MJA Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC4403MJA Datasheet HTML 3Page - Microchip Technology TC4403MJA Datasheet HTML 4Page - Microchip Technology TC4403MJA Datasheet HTML 5Page - Microchip Technology TC4403MJA Datasheet HTML 6Page - Microchip Technology TC4403MJA Datasheet HTML 7Page - Microchip Technology TC4403MJA Datasheet HTML 8Page - Microchip Technology TC4403MJA Datasheet HTML 9Page - Microchip Technology TC4403MJA Datasheet HTML 10Page - Microchip Technology TC4403MJA Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
 2002-2012 Microchip Technology Inc.
DS21417C-page 7
TC4403
4.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
4
6
8
10
12
14
16
18
Rise Time vs. Supply Voltage
100
80
60
40
20
0
p
1000pF
p
p
4700pF
3300pF
470pF
p
1500pF
p
p
2200pF
TA
°C
VDD (V)
Rise Time vs. Capacitive Load
100
1000
10,000
CLOAD (pF)
5V
10V
15V
100
80
60
40
20
0
TA = +25°C
Rise and Fall Times vs.
Temperature
32
30
28
26
24
22
20
18
-55 -35
5
25
45
65
85 105 125
-15
TEMPERATURE (
°C)
tFALL
tRISE
tFALL
tRISE
C
= 2200pF
V
= 18V
4
6
8
10
12
14
16
18
Fall Time vs. Supply Voltage
100
80
60
40
20
0
p
1000pF
1500pF
p
p
p
4700pF
3300pF
p
p
2200pF
4
4
470pF
VDD (V)
TA = +25°C
Fall Time vs. Capacitive Load
100
1000
10,000
5V
10V
15V
100
80
60
40
20
0
TA = +25°C
CLOAD (pF)
Propagation Delay vs.
Input Amplitude
100
80
60
40
20
INPUT (V)
0
1
2
3
4
5
6
7
8
9 10 11 12
tD1
tD2
C
= 2200pF
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com