Electronic Components Datasheet Search
  English  ▼

X  

PE44114 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44114
Description  BNC Twinax Jack Bulkhead Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax, .480 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44114 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44114 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44114 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
BNC Twinax Jack Bulkhead Connector Clamp/Solder
Attachment For RG108, 78 Ohm Twinax, .480 inch D Hole
BNC Twinax Jack Bulkhead Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax, .480 inch
D Hole
Configuration
Connector
BNC Twinax Jack
Connector Interface Type
RG108,78 Ohm Twinax
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
78
Mechanical Specifications
Size
Length, in [mm]
1.25 [31.75]
Width/Dia., in [mm]
0.688 [17]
.
Weight, lbs [g]
0.041 [18.6]
Connector
Type
BNC Twinax Jack
Contact Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
BNC Twinax Jack Bulkhead Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax, .480 inch D Hole from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Twinax Jack Bulkhead Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax,
.480 inch D Hole PE44114
URL: http://www.pasternack.com/bnc-twinax-jack-standard-rg108-78-ohm-twinax-connector-pe44114-p.aspx
PE44114
PE44114 REV


Similar Part No. - PE44114

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4411 PASTERNACK-PE4411 Datasheet
315Kb / 3P
SMA Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4411 PASTERNACK-PE4411 Datasheet
222Kb / 3P
SMA Female Connector Clamp/Solder Attachment
PE44110 PASTERNACK-PE44110 Datasheet
271Kb / 3P
MHV Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62
PE44111 PASTERNACK-PE44111 Datasheet
91Kb / 1P
MHV FEMALE, BULKHEAD, CLAMP ATTACHMENT FOR RG174, RG188 & RG316
PE44112 PASTERNACK-PE44112 Datasheet
282Kb / 3P
MHV Female Connector Clamp/Solder Attachment 4 Hole Flange For RG213, RG214, RG8, RG9, RG11 RG225, RG393, .718 inch Hole Spacing
More results

Similar Description - PE44114

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4235 PASTERNACK-PE4235 Datasheet
220Kb / 2P
BNC Twinax Jack Connector Crimp/Solder Attachment For RG108, 78 Ohm Twinax
PE4236 PASTERNACK-PE4236 Datasheet
328Kb / 2P
BNC Twinax Plug Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax
PE4237 PASTERNACK-PE4237 Datasheet
221Kb / 2P
BNC Twinax Jack Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax
PE4238 PASTERNACK-PE4238 Datasheet
254Kb / 2P
BNC Twinax Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4234 PASTERNACK-PE4234 Datasheet
319Kb / 2P
BNC Twinax Plug Connector Crimp - Solder Attachment For RG108, 78 Ohm Twinax
PE3480LF PASTERNACK-PE3480LF Datasheet
664Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable Using 78 Ohm RG108 Coax, RoHS
PE3480LF-300 PASTERNACK-PE3480LF-300 Datasheet
648Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable 300 Inch Length Using 78 Ohm RG108 Coax, RoHS
PE3480LF-900 PASTERNACK-PE3480LF-900 Datasheet
649Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable 900 Inch Length Using 78 Ohm RG108 Coax, RoHS
PE4237 PASTERNACK-PE4237_16 Datasheet
319Kb / 3P
BNC Twinax Jack Connector Clamp/Solder Attachment
PE4324 PASTERNACK-PE4324_16 Datasheet
323Kb / 3P
BNC Twinax Jack Connector Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com