Electronic Components Datasheet Search
  English  ▼

X  

34.102 Datasheet(PDF) 2 Page - Altech corporation

Part # 34.102
Description  FIXED PRINTED CIRCUIT US Pin Spacinga Tubular Screw Clamp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

34.102 Datasheet(HTML) 2 Page - Altech corporation

  34.102 Datasheet HTML 1Page - Altech corporation 34.102 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Altech Corp.® • 35 Royal Road • Flemington NJ 08822-6000 • Phone (908) 806-9400 • Fax (908) 806-9490
111
AKZ125
Top Wire Entry
Pin Spacing 5.08mm (.200)
Stripping Length 6mm (.236)
Screw Hole Diameter 3.5mm (.138)
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
AK(Z)110/2wp
30.102
15.00 ( .59)
100
AK(Z)110/3wp
30.103
22.50 ( .89)
100
AK(Z)110/4wp
30.104
30.00 (1.18)
50
AK(Z)110/5wp
30.105
37.50 (1.48)
50
Pin Spacing 7.5mm (.295)c
Stripping Length 6mm (.236)
Screw Hole Diameter 3.5mm (.138)
AK(Z)110
Front Wire Entry
AKZ120
Front Wire Entry
Pin Spacing 5.08mm (.200)
Stripping Length 7mm (.276)
Screw Hole Diameter 3.5mm (.138)
AKZ125/2wp
30.252
10.16 ( .40)
100
AKZ125/3wp
30.253
15.24 ( .60)
100
AKZ125/4wp
30.254
20.32 ( .80)
50
AKZ125/5wp
30.255
25.40 (1.00)
50
AKZ125/6wp
30.256
30.48 (1.20)
50
AKZ125/7wp
30.257
35.56 (1.40)
30
AKZ125/8wp
30.258
40.64 (1.60)
30
AKZ125/9wp
30.259
45.72 (1.80)
30
AKZ125/10wp
30.260
50.80 (2.00)
30
AKZ125/11wp
30.261
55.88 (2.20)
20
AKZ125/12wp
30.262
60.98 (2.40)
20
AKZ125/13wp
30.263
66.04 (2.60)
20
AKZ125/14wp
30.264
71.14 (2.80)
20
AKZ125/15wp
30.265
76.20 (3.00)
20
AKZ125/16wp
30.266
81.28 (3.20)
15
AKZ125/17wp
30.267
86.36 (3.40)
15
AKZ125/18wp
30.268
91.44 (3.60)
15
AKZ125/19wp
30.269
96.52 (3.80)
15
AKZ125/20wp
30.270
101.60 (4.00)
15
AKZ125/21wp
30.271
106.68 (4.20)
10
AKZ125/22wp
30.272
111.76 (4.40)
10
AKZ125/23wp
30.273
116.84 (4.60)
10
AKZ125/24wp
30.274
121.92 (4.80)
10
AKZ120/2wp
30.202
10.16 ( .40)
100
AKZ120/3wp
30.203
15.24 ( .60)
100
AKZ120/4wp
30.204
20.32 ( .80)
50
AKZ120/5wp
30.205
25.40 (1.00)
50
AKZ120/6wp
30.206
30.48 (1.20)
50
AKZ120/7wp
30.207
35.56 (1.40)
30
AKZ120/8wp
30.208
40.64 (1.60)
30
AKZ120/9wp
30.209
45.72 (1.80)
30
AKZ120/10wp
30.210
50.80 (2.00)
30
AKZ120/11wp
30.211
55.88 (2.20)
20
AKZ120/12wp
30.212
60.98 (2.40)
20
AKZ120/13wp
30.213
66.04 (2.60)
20
AKZ120/14wp
30.214
71.14 (2.80)
20
AKZ120/15wp
30.215
76.20 (3.00)
20
AKZ120/16wp
30.216
81.28 (3.20)
15
AKZ120/17wp
30.217
86.36 (3.40)
15
AKZ120/18wp
30.218
91.44 (3.60)
15
AKZ120/19wp
30.219
96.52 (3.80)
15
AKZ120/20wp
30.220
101.60 (4.00)
15
AKZ120/21wp
30.221
106.68 (4.20)
10
AKZ120/22wp
30.222
111.76 (4.40)
10
AKZ120/23wp
30.223
116.84 (4.60)
10
AKZ120/24wp
30.224
121.92 (4.80)
10
Wire Range
Current
Voltage
0.5-2.5mm2
16A
250V
22-14 AWG
15A
300V
22-14 AWG
15A
300V
Wire Range
Current
Voltage
0.5-2.5mm2
16A
250V
22-14 AWG
15A
300V
22-14 AWG
15A
300V
Wire Range
Current
Voltage
0.5-2.5mm2
16A
500V
22-14 AWG
15A
300V
22-14 AWG
15A
300V
cAppropriate for use in US (inch) pin spacings up to the
number of poles shown providing minimum PC Board
Hole Size is 1.5mm(.059 in.)
®
®
9mm
®
®
4mm
4mm
L
®
®
0.7mm
®
®
®
Ø1mm
®
®
5.08mm
®
®
3.1mm
®
2mm
®
3.1mm ®
®
®
5.08mm
®
®
®
L
®
0.7mm
®
9mm
®
®
®
3.5mm
®
®
2mm
®
®
L
®
0.7mm
®
®
®
3.1mm
®
®
®
ø1mm
9mm
®
®
®
4mm
®
0.7m
2mm
L
Length L
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
Type
Cat. No.
mm (in.)
Std. Pk.
PREVIOUS
HOME
NEXT
FIND IT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com