Electronic Components Datasheet Search
  English  ▼

X  

AD5312ARM Datasheet(PDF) 14 Page - Analog Devices

Part # AD5312ARM
Description  2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5312ARM Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5312ARM Datasheet HTML 10Page - Analog Devices AD5312ARM Datasheet HTML 11Page - Analog Devices AD5312ARM Datasheet HTML 12Page - Analog Devices AD5312ARM Datasheet HTML 13Page - Analog Devices AD5312ARM Datasheet HTML 14Page - Analog Devices AD5312ARM Datasheet HTML 15Page - Analog Devices AD5312ARM Datasheet HTML 16Page - Analog Devices AD5312ARM Datasheet HTML 17Page - Analog Devices AD5312ARM Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD5302/AD5312/AD5322
Rev. D | Page 14 of 24
FUNCTIONAL DESCRIPTION
The AD5302/AD5312/AD5322 are dual resistor-string DACs
fabricated on a CMOS process with resolutions of 8, 10, and 12
bits, respectively. They contain reference buffers and output
buffer amplifiers, and are written to via a 3-wire serial interface.
They operate from single supplies of 2.5 V to 5.5 V, and the
output buffer amplifiers provide rail-to-rail output swing with a
slew rate of 0.7 V/μs. Each DAC is provided with a separate
reference input, which can be buffered to draw virtually no
current from the reference source, or unbuffered to give a
reference input range from GND to VDD. The devices have three
programmable power-down modes, in which one or both DACs
can be turned off completely with a high impedance output, or
the output can be pulled low by an on-chip resistor.
DIGITAL-TO-ANALOG SECTION
The architecture of one DAC channel consists of a reference
buffer and a resistor-string DAC followed by an output buffer
amplifier. The voltage at the VREF pin provides the reference
voltage for the DAC. Figure 28 shows a block diagram of the
DAC architecture. Because the input coding to the DAC is
straight binary, the ideal output voltage is given by
N
REF
OUT
D
V
V
2
×
=
where:
D = decimal equivalent of the binary code that is loaded to the
DAC register:
0 to 255 for AD5302 (8 bits)
0 to 1023 for AD5312 (10 bits)
0 to 4095 for AD5322 (12 bits)
N = DAC resolution.
INPUT
REGISTER
DAC
REGISTER
RESISTOR
STRING
OUTPUT BUFFER
AMPLIFIER
REFERENCE
BUFFER
SWITCH
CONTROLLED
BY CONTROL
LOGIC
VREFA
VOUTA
Figure 28. Single DAC Channel Architecture
RESISTOR STRING
The resistor-string section is shown in Figure 29. It is simply a
string of resistors, each of value R. The digital code loaded to
the DAC register determines at what node on the string the
voltage is tapped off to be fed into the output amplifier. The
voltage is tapped off by closing one of the switches connecting
the string to the amplifier. Because it is a string of resistors, it is
guaranteed monotonic.
R
R
R
R
R
TO OUTPUT
AMPLIFIER
Figure 29. Resistor String
DAC REFERENCE INPUTS
There is a reference input pin for each of the two DACs. The
reference inputs are buffered but can also be configured as
unbuffered. The advantage of the buffered input is the high
impedance it presents to the voltage source driving it.
However, if the unbuffered mode is used, the user can have a
reference voltage as low as GND and as high as VDD because
there is no restriction due to headroom and footroom of the
reference amplifier. If there is a buffered reference in the circuit
(for example, REF192), there is no need to use the on-chip
buffers of the AD5302/AD5312/AD5322. In unbuffered mode,
the impedance is still large (180 kΩ per reference input).
The buffered/unbuffered option is controlled by the BUF bit in
the control word (see the Serial Interface section for a
description of the register contents).
OUTPUT AMPLIFIER
The output buffer amplifier is capable of generating output
voltages to within 1 mV of either rail, which gives an output
range of 0.001 V to VDD – 0.001 V when the reference is VDD.
It is capable of driving a load of 2 kΩ in parallel with 500 pF to
GND and VDD. The source and sink capabilities of the output
amplifier can be seen in Figure 16.
The slew rate is 0.7 V/μs with a half-scale settling time to
±0.5 LSB (at eight bits) of 6 μs. See Figure 21.
POWER-ON RESET
The AD5302/AD5312/AD5322 are provided with a power-on
reset function to power them up in a defined state. The power-
on state is
•
Normal operation
•
Reference inputs unbuffered
•
Output voltage set to 0 V
Both input and DAC registers are filled with zeros and remain
so until a valid write sequence is made to the device. This is
particularly useful in applications where it is important to know
the state of the DAC outputs while the device is powering up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com