Electronic Components Datasheet Search
  English  ▼

X  

40.002 Datasheet(PDF) 2 Page - Altech corporation

Part # 40.002
Description  FEED-THROUGH FLAT BASE EUROSTRIPS짰
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

40.002 Datasheet(HTML) 2 Page - Altech corporation

  40.002 Datasheet HTML 1Page - Altech corporation 40.002 Datasheet HTML 2Page - Altech corporation 40.002 Datasheet HTML 3Page - Altech corporation 40.002 Datasheet HTML 4Page - Altech corporation 40.002 Datasheet HTML 5Page - Altech corporation 40.002 Datasheet HTML 6Page - Altech corporation 40.002 Datasheet HTML 7Page - Altech corporation 40.002 Datasheet HTML 8Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Altech Corp.® • 35 Royal Road • Flemington NJ 08822-6000 • Phone (908) 806-9400 • Fax (908) 806-9490
45
Wire Range
Current
Voltage
6mm2
44A
380V
20-8 AWG
40A
300V
18-10 AWG
40A
300V
Cat.
Length (L)
Std.
Type
No.
mm (in.)
Pk.
TS6/2wp
40.402
20.0 ( .79)
100
TS6/3wp
40.403
32.0 (1.26)
100
TS6/4wp
40.404
44.0 (1.73)
100
TS6/5wp
40.405
56.0 (2.21)
100
TS6/6wp
40.406
68.0 (2.68)
50
TS6/7wp
40.407
80.0 (3.15)
50
TS6/8wp
40.408
92.0 (3.62)
50
TS6/9wp
40.409
104.0 (4.10)
50
TS6/10wp
40.410
116.0 (4.57)
25
TS6/11wp
40.411
128.0 (5.03)
25
TS6/12wp
40.412
140.0 (5.51)
25
TS6/2
40.452
20.0 ( .79)
100
TS6/3
40.453
32.0 (1.26)
100
TS6/4
40.454
44.0 (1.73)
100
TS6/5
40.455
56.0 (2.21)
100
TS6/6
40.456
68.0 (2.68)
50
TS6/7
40.457
80.0 (3.15)
50
TS6/8
40.458
92.0 (3.62)
50
TS6/9
40.459
104.0 (4.10)
50
TS6/10
40.460
116.0 (4.57)
25
TS6/11
40.461
128.0 (5.03)
25
TS6/12
40.462
140.0 (5.51)
25
A
B
C
D
E
I
H
G
L
F
N
J
A = 12.0 (.472)
E = Ø4.4 (.173)
I = 4.3 (.169)
B = M3.5 x 7
F = Ø6.8 (.268)
J = 9.5 (.374)
C = 7.6 (.299)
G = 12.0 (.472)
K = 9.0 (.354)
D = 4.3 (.169)
H = Ø4.2 (.165)
M = 17.7 (.697)
N = 23.0 (.906)
Dimensions mm (in.)
TS6
Flat Base
Pole Spacing 12mm (.472)
Mounting Hole Diameter 4.2mm (.165)
Stripping Length 7mm (.276)
PREVIOUS
HOME
NEXT
FIND IT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com