Electronic Components Datasheet Search
  English  ▼

X  

8971.2 Datasheet(PDF) 1 Page - Altech corporation

Part # 8971.2
Description  INTERFACES CONNECTOR-TO-WIRE Ribbon Cable Module 35 or 32mm DIN Rail
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

8971.2 Datasheet(HTML) 1 Page - Altech corporation

  8971.2 Datasheet HTML 1Page - Altech corporation 8971.2 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
7
1 35 7 911
8 10 12
24 6
6
4
28
5
3
17 9
51 53 55 57 59
58 60
52 54 56
61 63
62
64
63
64
No. of
Module Length (L)
Std.
Ordering Information
Poles
Type
Cat. No.
mm (in.)
Pk.
Ribbon Cable Module with
10
FBK10
5720.2
47 (1.85)
1
Short Ejector Latches
14
FBK14
5721.2
47 (1.85)
1
16
FBK16
5722.2
69 (2.72)
1
20
FBK20
5723.2
69 (2.72)
1
26
FBK26
5724.2
80 (3.15)
1
34
FBK34
5725.2
103 (4.06)
1
40
FBK40
5726.2
114 (4.49)
1
50
FBK50
5727.2
148 (5.83)
1
60
FBK60
5728.2
170 (6.68)
1
64
FBK64
5729.2
170 (6.68)
1
Wire Range
Current
Voltage
0.5-4mm
2
22-12 AWG
3A
250V AC
FBK
Ribbon Cable
Model FBK64
To order long ejector latches, specify Cat. No.
with /L suffix. Example: Cat. No. 5727.2/L.
INTERFACES
CONNECTOR-TO-WIRE
Ribbon Cable Module
35 or 32mm DIN Rail
Compact
Ribbon
Connector
Modules
provide an interface between multi-wire flat
cables outfitted with IDC connectors and
discrete wires. Up to 64 conductors can be
terminated saving time and eliminating
wiring mistakes.
No special wiring or tools are required.
Ribbon Cable
Interface Modules are
typically used in communications, data pro-
cessing, process control and other industrial
applications.
FBK Ribbon Cable Modules are supplied
with short strain relief ejector latches (long
ejector latches are available), screw-cage
clamp terminal blocks and component solder
pads for easy insertion of circuit building
components. All terminal blocks are
individually marked to correspond to the
numbers on the header pins.
• Screw-Cage Clamp Connections
• Up to 64 Poles
• 4 to 5 Component Solder Pads Per Line
• .9mm (.035 in.) Component Mtg. Holes
• DIN Rail Mount, Panel Mount Available
L
TS35x7.5 70mm (2.75 in.)
TS32x15
75mm (2.95 in.)
CONNECTOR TO TERMINAL BLOCK MODULES


Similar Part No. - 8971.2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
897 LITTELFUSE-897 Datasheet
244Kb / 1P
Low Prroffiille MIINII Fuses
logo
Copyright BG
897 BG-897 Datasheet
56Kb / 1P
Nexus Moulded Wiring Accessories
logo
Keystone Electronics Co...
897 KEYSTONE-897 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Mill-Max Mfg. Corp.
897 MILL-MAX-897 Datasheet
4Mb / 1P
SERIES 896, 897 • UNIVERSAL SERIAL BUS • SOCKETS
897-10-010-00 MILL-MAX-897-10-010-00 Datasheet
112Kb / 2P
USB Socket Type B; Single; Vertical Surface Mount Micro USB 3.0 Single Row Surface Mount
More results

Similar Description - 8971.2

ManufacturerPart #DatasheetDescription
logo
Altech corporation
CTS2.5U-N ALTECH-CTS2.5U-N Datasheet
508Kb / 4P
FEED-THROUGH 35 or 32mm DIN Rail
logo
Weidmuller
0205200000 WEIDMULLER-0205200000 Datasheet
487Kb / 1P
Cable Lug 32/35 mm DIN-Rail Terminals
logo
FIBOX Enclosing innovat...
5514082 FIBOX-5514082 Datasheet
52Kb / 1P
DIN-35 Mounting rail, for enclosures
17.01.2023
8524032 FIBOX-8524032 Datasheet
42Kb / 1P
DIN-35 Mounting rail, for enclosures
17.01.2023
8524033 FIBOX-8524033 Datasheet
42Kb / 1P
DIN-35 Mounting rail, for enclosures
17.01.2023
9821007 FIBOX-9821007 Datasheet
49Kb / 1P
DIN-35 Mounting rail, for enclosures:
02.08.2023
9822003 FIBOX-9822003 Datasheet
48Kb / 1P
DIN-35 Mounting rail, for enclosures
02.08.2023
9822007 FIBOX-9822007 Datasheet
48Kb / 1P
DIN-35 Mounting rail, for enclosures
02.08.2023
9822006 FIBOX-9822006 Datasheet
46Kb / 1P
DIN-35 Mounting rail, for enclosures
11.08.2023
9822019 FIBOX-9822019 Datasheet
36Kb / 1P
DIN-35 Mounting rail, for enclosures
11.08.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com