Electronic Components Datasheet Search
  English  ▼

X  

AD7607BSTZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD7607BSTZ
Description  8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7607BSTZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7607BSTZ Datasheet HTML 8Page - Analog Devices AD7607BSTZ Datasheet HTML 9Page - Analog Devices AD7607BSTZ Datasheet HTML 10Page - Analog Devices AD7607BSTZ Datasheet HTML 11Page - Analog Devices AD7607BSTZ Datasheet HTML 12Page - Analog Devices AD7607BSTZ Datasheet HTML 13Page - Analog Devices AD7607BSTZ Datasheet HTML 14Page - Analog Devices AD7607BSTZ Datasheet HTML 15Page - Analog Devices AD7607BSTZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD7607
Data Sheet
Rev. B | Page 12 of 32
Pin No.
Type1
Mnemonic
Description
9, 10
DI
CONVST A,
CONVST B
Conversion Start Input A, Conversion Start Input B. Logic inputs. These logic inputs are used to
initiate conversions on the analog input channels. For simultaneous sampling of all 8 input channels
CONVST A and CONVST B can be shorted together and a single convert start signal applied.
Alternatively, CONVST A can be used to initiate simultaneous sampling for V1, V2, V3, and V4; and
CONVST B can be used to initiate simultaneous sampling on the other analog inputs (V5, V6, V7,
and V8). This is possible only when oversampling is not switched on.
When the CONVST A or CONVST B pin transitions from low to high, the front-end track-and-hold
circuitry for their respective analog inputs is set to hold.
11
DI
RESET
Reset Input. When set to logic high, the rising edge of RESET resets the AD7607. The part should
receive a RESET pulse after power-up. The RESET high pulse should typically be 50 ns wide. If a
RESET pulse is applied during a conversion, the conversion is aborted. If a RESET pulse is applied
during a read, the contents of the output registers reset to all zeros.
12
DI
RD/SCLK
Parallel Data Read Control Input When the Parallel Interface Is Selected (RD)/Serial Clock Input When
the Serial Interface is Selected (SCLK). When both CS and RD are logic low in parallel mode, the
output bus is enabled. In serial mode, this pin acts as the serial clock input for data transfers.
The CS falling edge takes the DOUTA and DOUTB data output lines out of tristate and clocks out the
MSB of the conversion result. The rising edge of SCLK clocks all subsequent data bits onto the
DOUTA and DOUTB serial data outputs. For more information, see the Conversion Control section.
13
DI
CS
Chip Select. This active low logic input frames the data transfer. When both CS and RD are logic
low in parallel mode, the DB[15:0] output bus is enabled and the conversion result is output on
the parallel data bus lines. In serial mode, CS is used to frame the serial read transfer and clock
out the MSB of the serial output data.
14
DO
BUSY
Busy Output. This pin transitions to a logic high after both CONVST A and CONVST B rising edges
and indicates that the conversion process has started. The BUSY output remains high until the
conversion process for all channels is complete. The falling edge of BUSY signals that the
conversion data is being latched into the output data registers and is available to read after a
Time t4. Any data read while BUSY is high must be completed before the falling edge of BUSY
occurs. Rising edges on CONVST A or CONVST B have no effect while the BUSY signal is high.
15
DO
FRSTDATA
Digital Output. The FRSTDATA output signal indicates when the first channel, V1, is being read back
on the parallel, parallel byte, or serial interface. When the CS input is high, the FRSTDATA output
pin is in three-state. The falling edge of CS takes FRSTDATA out of three-state. In parallel mode,
the falling edge of RD corresponding to the result of V1 then sets the FRSTDATA pin high, which
indicates that the result from V1 is available on the output data bus. The FRSTDATA output returns
to a logic low following the next falling edge of RD. In serial mode, FRSTDATA goes high on the falling
edge of CS because this clocks out the MSB of V1 on DOUTA. It returns low on the 14th SCLK falling
edge after the CS falling edge. See the Conversion Control section for more details.
22 to 16
DO
DB[6:0]
Parallel Output Data Bits, DB6 to DB0. When PAR/SER/BYTE SEL = 0, these pins act as three-state
parallel digital input/output pins. When CS and RD are low, these pins are used to output DB6 to DB0
of the conversion result. When PAR/SER/BYTE SEL = 1, these pins should be tied to DGND. When
operating in parallel byte interface mode, DB[7:0] outputs the 14-bit conversion result in two RD
operations. DB7 is the MSB, and DB0 is the LSB.
23
P
VDRIVE
Logic Power Supply Input. The voltage (2.3 V to 5.25 V) supplied at this pin determines the
operating voltage of the interface. This pin is nominally at the same supply as the supply of the host
interface (that is, DSP and FPGA).
24
DO
DB7/DOUTA
Parallel Output Data Bit 7 (DB7)/Serial Interface Data Output Pin (DOUTA). When PAR/SER/BYTE SEL = 0,
this pins acts as a three-state parallel digital input/ output pin. When CS and RD are low, this pin is
used to output DB7 of the conversion result. When PAR/SER/BYTE SEL = 1, this pin functions as
DOUTA and outputs serial conversion data (see the Conversion Control section for more details).
When operating in parallel byte mode, DB7 is the MSB of the byte.
25
DO
DB8/DOUTB
Parallel Output Data Bit 8 (DB8)/Serial Interface Data Output Pin (DOUTB). When PAR/SER/BYTE SEL = 0,
this pin acts as a three-state parallel digital input/output pin. When CS and RD are low, this pin is
used to output DB8 of the conversion result. When PAR/ SER/BYTE SEL = 1, this pin functions
as DOUTB and outputs serial conversion data (see the Conversion Control section for more details).
31 to 27
DO
DB[13:9]
Parallel Output Data Bits, DB13 to DB9. When PAR/SER/BYTE SEL = 0, these pins act as three-state
parallel digital input/output pins. When CS and RD are low, these pins are used to output DB13 to
DB9 of the conversion result. When PAR/SER/BYTE SEL = 1, these pins should be tied to DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com