Electronic Components Datasheet Search
  English  ▼

X  

TC4627EPA Datasheet(PDF) 8 Page - Microchip Technology

Part # TC4627EPA
Description  Power CMOS Drivers With Voltage Tripler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4627EPA Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC4627EPA Datasheet HTML 4Page - Microchip Technology TC4627EPA Datasheet HTML 5Page - Microchip Technology TC4627EPA Datasheet HTML 6Page - Microchip Technology TC4627EPA Datasheet HTML 7Page - Microchip Technology TC4627EPA Datasheet HTML 8Page - Microchip Technology TC4627EPA Datasheet HTML 9Page - Microchip Technology TC4627EPA Datasheet HTML 10Page - Microchip Technology TC4627EPA Datasheet HTML 11Page - Microchip Technology TC4627EPA Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TC4626/TC4627
DS21426C-page 8
 2001-2012 Microchip Technology Inc.
TYPICAL CHARACTERISTICS (CONTINUED)
12
3
4
56
7
13
12
11
10
9
8
8
FREQUENCY x 100 kHz
9
10
0
14
15
16
2,200pF
470pF
1,000pF
VS = 5V
TA = 25°C
TC4626 VOH vs. Frequency
1
2
34
56
7
13
12
11
10
9
8
8
FREQUENCY x 100 kHz
9
10
0
14
15
16
470pF
2,200pF
1,000pF
VS = 5V
TA = 125°C
TC4626 VOH vs. Frequency
12
3
4
56
7
13
12
11
10
9
8
8
FREQUENCY x 100 kHz
9
10
0
14
15
16
2,200pF
470pF
1,000pF
VS = 5V
TA = -55°C
TC4626 VOH vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com