Electronic Components Datasheet Search
  English  ▼

X  

AD7621ACPRL Datasheet(PDF) 19 Page - Analog Devices

Part # AD7621ACPRL
Description  16-Bit, 2 LSB INL, 3 MSPS PulSAR짰 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7621ACPRL Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7621ACPRL Datasheet HTML 15Page - Analog Devices AD7621ACPRL Datasheet HTML 16Page - Analog Devices AD7621ACPRL Datasheet HTML 17Page - Analog Devices AD7621ACPRL Datasheet HTML 18Page - Analog Devices AD7621ACPRL Datasheet HTML 19Page - Analog Devices AD7621ACPRL Datasheet HTML 20Page - Analog Devices AD7621ACPRL Datasheet HTML 21Page - Analog Devices AD7621ACPRL Datasheet HTML 22Page - Analog Devices AD7621ACPRL Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD7621
Rev. 0 | Page 19 of 32
External Reference (PDBUF = High, PRBUF = High)
To use an external reference directly on the REF pin, PDREF
and PDBUF should both be high.
For improved drift performance, an external reference, such as
the AD780 or ADR431, can be used. The advantages of directly
using the external voltage reference are:
•
SNR and dynamic range improvement (about 1.7 dB)
resulting from the use of a reference voltage very close to
the supply (2.5 V) instead of a typical 2.048 V reference
when the internal reference is used. This is calculated by
⎟
⎠
⎞
⎜
⎝
⎛
=
50
.
2
048
.
2
log
20
SNR
•
Power savings when the internal reference is powered
down (PBREF = PDBUF = high).
PDREF and PDBUF power down the internal reference and the
internal reference buffer, respectively.
Reference Decoupling
Whether using an internal or external reference, the AD7621
voltage reference input (REF) has a dynamic input impedance;
therefore, it should be driven by a low impedance source with
efficient decoupling between the REF and REFGND inputs.
This decoupling depends on the choice of the voltage reference,
but usually consists of a low ESR capacitor connected to REF
and REFGND with minimum parasitic inductance. A 10 μF
(X5R, 1206 size) ceramic chip capacitor (or 47 μF tantalum
capacitor) is appropriate when using either the internal
reference or one of these recommended reference voltages:
•
The low noise, low temperature drift ADR431 and AD780
•
The low power ADR291
•
The low cost AD1582
The placement of the reference decoupling is also important to
the performance of the AD7621. The decoupling capacitor
should be mounted on the same side as the ADC right at the
REF pin with a thick PCB trace. The REFGND should also
connect to the reference decoupling capacitor with the shortest
distance.
For applications that use multiple AD7621 devices, it is more
effective to use the internal reference buffer in order to buffer
the reference voltage.
The voltage reference temperature coefficient (TC) directly
impacts full scale; therefore, in applications where full-scale
accuracy matters, care must be taken with the TC. For instance,
a ±15 ppm/°C TC of the reference changes full-scale by ±1 LSB/°C.
Temperature Sensor
The TEMP pin measures the temperature of the AD7621. To
improve the calibration accuracy over the temperature range,
the output of the TEMP pin is applied to one of the inputs of the
analog switch (such as, ADG779), and the ADC itself is used to
measure its own temperature. This configuration is shown in
Figure 28.
ADG779
AD8021
CC
ANALOG INPUT
(UNIPOLAR)
AD7621
IN+
TEMPERATURE
SENSOR
TEMP
Figure 28. Use of the Temperature Sensor
POWER SUPPLY
The AD7621 uses three sets of power supply pins: an analog
2.5 V supply AVDD, a digital 2.5 V core supply DVDD, and a
digital input/output interface supply OVDD. The OVDD supply
allows direct interface with any logic working between 2.3 V
and 5.25 V. To reduce the number of supplies needed, the digital
core (DVDD) can be supplied through a simple RC filter from
the analog supply as shown in Figure 23.
Power Sequencing
The AD7621 is independent of power supply sequencing once
OVDD does not exceed DVDD by more than 0.3 V until
DVDD = 2.3 V during any time; for instance, at power-up or
power-down (see the Absolute Maximum Ratings section).
Additionally, it is very insensitive to power supply variations
over a wide frequency range as shown in Figure 29.
FREQUENCY (kHz)
45
75
70
65
60
55
50
1
10
100
1k
10k
EXT REF
INT REF
Figure 29. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com