Electronic Components Datasheet Search
  English  ▼

X  

082-24 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # 082-24
Description  Type N Connectors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

082-24 Datasheet(HTML) 2 Page - Amphenol Corporation

  082-24 Datasheet HTML 1Page - Amphenol Corporation 082-24 Datasheet HTML 2Page - Amphenol Corporation 082-24 Datasheet HTML 3Page - Amphenol Corporation 082-24 Datasheet HTML 4Page - Amphenol Corporation 082-24 Datasheet HTML 5Page - Amphenol Corporation 082-24 Datasheet HTML 6Page - Amphenol Corporation 082-24 Datasheet HTML 7Page - Amphenol Corporation 082-24 Datasheet HTML 8Page - Amphenol Corporation 082-24 Datasheet HTML 9Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
144
Amphenol® RF:
800-627-7100
144
Amphenol® RF:
800-627-7100
Type N
Type N
Type N Connectors
Description
Named after Paul Neill of Bell Labs after being developed in the 1940’s, the Type N
offered the first true microwave performance. The Type N connector was developed to
satisfy the need for a durable, weatherproof, medium-size RF connector with consistent
performance through 18 GHz.
There are two families of Type N connectors: Standard N (coaxial cable) and Corru-
gated N (helical and annular cable). Their primary applications are the termination of
medium to miniature size coaxial cable, including RG-8, RG-58, RG-141, and RG-225.
Features/Benefits
•Accommodatesawiderangeofmediumtominiature-sizedRGcoaxialcables
in a rugged medium-sized design.
•Meetsmanycustomerapplicationdemandswithplugstylesavailablein
straight and right angle and jack styles available in panel mount, bulkhead
mount, and receptacle.
Applications
•Antennas
•BaseStations
•Broadcast
•Instrumentation
•MicrowaveRadio
•Mil-Aero
•PCS
•Radar
•Radios
•SatelliteCommunications
•SurgeProtection
•WLAN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com