Electronic Components Datasheet Search
  English  ▼

X  

TC7662ACPA Datasheet(PDF) 3 Page - Microchip Technology

Part # TC7662ACPA
Description  Charge Pump DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7662ACPA Datasheet(HTML) 3 Page - Microchip Technology

  TC7662ACPA Datasheet HTML 1Page - Microchip Technology TC7662ACPA Datasheet HTML 2Page - Microchip Technology TC7662ACPA Datasheet HTML 3Page - Microchip Technology TC7662ACPA Datasheet HTML 4Page - Microchip Technology TC7662ACPA Datasheet HTML 5Page - Microchip Technology TC7662ACPA Datasheet HTML 6Page - Microchip Technology TC7662ACPA Datasheet HTML 7Page - Microchip Technology TC7662ACPA Datasheet HTML 8Page - Microchip Technology TC7662ACPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
 2001-2012 Microchip Technology Inc.
DS21468B-page 3
TC7662A
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage VDD to GND.................................+18V
Input Voltage (Any Pin) .........(VDD + 0.3) to (VSS – 0.3)
Current into Any Pin ............................................ 10mA
Output Short Circuit ........... Continuous (at 5.5V Input)
ESD Protection ................................................ ±2000V
Package Power Dissipation (TA  70°C)
8-Pin CERDIP .......................................... 800mW
8-Pin PDIP ............................................... 730mW
Package Thermal Resistance
CPA, EPA
JA ......................................... 140°C/W
IJA, MJA
JA ............................................ 90°C/W
Operating Temperature Range
C Suffix............................................ 0°C to +70°C
I Suffix .......................................... -25°C to +85°C
E Suffix......................................... -40°C to +85°C
M Suffix ...................................... -55°C to +125°C
Storage Temperature Range .............. -65°C to +150°C
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC7662A ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VDD = 15V, TA = +25°C, Test circuit (Figure 3-1) unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VDD
Supply Voltage
3
—
18
V
IS
Supply Current
—
—
—
—
—
—
—
—
510
560
650
190
210
210
—
700
—
—
—
—
—
AR
L = 
VDD = +15V
0
C  T
A  +70C
-55°C
 T
A  +125°C
VDD = +5V
0
C  T
A  +70C
-55°C
 T
A  +125°C
RO
Output Source Resistance
—
—
—
40
50
100
50
60
125
IL = 20mA, VDD = +15V
IL = 40mA, VDD = +15V
IL = 3mA, VDD = +5V
FOSC
Oscillator Frequency
—
12
—
kHz
PEFF
Power Efficiency
93
—
97
—
—
—
%VDD = +15V
RL = 2k
VEFF
Voltage Efficiency
99
—
96
99.9
—
—
—
—
—
%VDD = +15V
RL = 
Over operating temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com