Electronic Components Datasheet Search
  English  ▼

X  

TC7662AMJA Datasheet(PDF) 7 Page - Microchip Technology

Part # TC7662AMJA
Description  Charge Pump DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7662AMJA Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC7662AMJA Datasheet HTML 3Page - Microchip Technology TC7662AMJA Datasheet HTML 4Page - Microchip Technology TC7662AMJA Datasheet HTML 5Page - Microchip Technology TC7662AMJA Datasheet HTML 6Page - Microchip Technology TC7662AMJA Datasheet HTML 7Page - Microchip Technology TC7662AMJA Datasheet HTML 8Page - Microchip Technology TC7662AMJA Datasheet HTML 9Page - Microchip Technology TC7662AMJA Datasheet HTML 10Page - Microchip Technology TC7662AMJA Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
 2001-2012 Microchip Technology Inc.
DS21468B-page 7
TC7662A
4.2
Output Ripple
ESR also affects the ripple voltage seen at the output.
The total ripple is determined by 2 voltages, A and B,
as shown in Figure 4-2. Segment A is the voltage drop
across the ESR of CR at the instant it goes from being
charged by CP (current flowing into CR) to being dis-
charged through the load (current flowing out of CR).
The magnitude of this current change is 2 x IOUT, hence
the total drop is 2 x IOUT x ESRCR volts. Segment B is
the voltage change across CR during time t2, the half of
the cycle when CR supplies current to the load. The
drop at B is IOUT x t2/CR volts. The peak-to-peak ripple
voltage is the sum of these voltage drops:
FIGURE 4-2:
OUTPUT RIPPLE
4.3
Paralleling Devices
Any number of TC7662A voltage converters may be
paralleled to reduce output resistance (Figure 4-3).
The reservoir capacitor, CR, serves all devices, while
each device requires its own pump capacitor, CP. The
resultant output resistance would be approximately:
4.4
Cascading Devices
The TC7662A may be cascaded as shown (Figure 4-4)
to produce larger negative multiplication of the initial
supply voltage. However, due to the finite efficiency of
each device, the practical limit is 10 devices for light
loads. The output voltage is defined by:
VOUT = – n (VIN)
where n is an integer representing the number of
devices cascaded. The resulting output resistance
would be approximately the weighted sum of the
individual TC7662A ROUT values.
FIGURE 4-3:
PARALLELING DEVICES LOWERS OUTPUT IMPEDANCE
FIGURE 4-4:
INCREASED OUTPUT VOLTAGE BY CASCADING DEVICES
1
2 x fPUMP x CR
VRIPPLE (
+ 2 x ESRCR x IOUT)
t2
t1
B
A
V
0
-(VDD)
ROUT =
ROUT (of TC7662A)
n (number of devices)
1
2
3
4
8
7
6
5
TC7662A
VDD
1
2
3
4
8
7
6
5
TC7662A
RL
C2
C1
"n"
"1"
+
C1
1
2
3
4
8
7
6
5
VDD
1
2
3
4
8
7
6
5
10
μF
10
μF
"n"
"1"
10
μF
V
OUT*
+
+
+
TC7662A
TC7662A
*VOUT = -nVDD
10
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com