Electronic Components Datasheet Search
  English  ▼

X  

AD7730BN Datasheet(PDF) 33 Page - Analog Devices

Part # AD7730BN
Description  Bridge Transducer ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7730BN Datasheet(HTML) 33 Page - Analog Devices

Back Button AD7730BN Datasheet HTML 29Page - Analog Devices AD7730BN Datasheet HTML 30Page - Analog Devices AD7730BN Datasheet HTML 31Page - Analog Devices AD7730BN Datasheet HTML 32Page - Analog Devices AD7730BN Datasheet HTML 33Page - Analog Devices AD7730BN Datasheet HTML 34Page - Analog Devices AD7730BN Datasheet HTML 35Page - Analog Devices AD7730BN Datasheet HTML 36Page - Analog Devices AD7730BN Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
AD7730/AD7730L
–33–
AD7730
CRYSTAL OR
CERAMIC
RESONATOR
C1
C2
MCLK IN
MCLK OUT
Figure 17. Crystal/Resonator Connections
The on-chip oscillator circuit also has a start-up time associated
with it before it has attained its correct frequency and correct
voltage levels. The typical start-up time for the circuit is 6 ms,
with a DVDD of +5 V and 8 ms with a DVDD of +3 V.
The AD7730’s master clock appears on the MCLK OUT pin of
the device. The maximum recommended load on this pin is one
CMOS load. When using a crystal or ceramic resonator to gen-
erate the AD7730’s clock, it may be desirable to then use this
clock as the clock source for the system. In this case, it is recom-
mended that the MCLK OUT signal is buffered with a CMOS
buffer before being applied to the rest of the circuit.
System Synchronization
The
SYNC input allows the user to reset the modulator and
digital filter without affecting any of the setup conditions on the
part. This allows the user to start gathering samples of the ana-
log input from a known point in time, i.e., the rising edge of
SYNC.
If multiple AD7730s are operated from a common master clock,
they can be synchronized to update their output registers simul-
taneously. A falling edge on the
SYNC input resets the digital
filter and analog modulator and places the AD7730 into a con-
sistent, known state. While the
SYNC input is low, the AD7730
will be maintained in this state. On the rising edge of
SYNC,
the modulator and filter are taken out of this reset state and on
the next clock edge the part starts to gather input samples again.
In a system using multiple AD7730s, a common signal to their
SYNC inputs will synchronize their operation. This would nor-
mally be done after each AD7730 has performed its own cali-
bration or has had calibration coefficients loaded to it. The
output updates will then be synchronized with the maximum
possible difference between the output updates of the individual
AD7730s being one MCLK IN cycle.
Single-Shot Conversions
The
SYNC input can also be used as a start convert command
allowing the AD7730 to be operated in a conventional converter
fashion. In this mode, the rising edge of
SYNC starts conversion
and the falling edge of
RDY indicates when conversion is com-
plete. The disadvantage of this scheme is that the settling time
of the filter has to be taken into account for every data register
update.
Writing 0, 1, 0 to the MD2, MD1, MD0 bits of the Mode regis-
ter has the same effect. This initiates a single conversion on the
AD7730 with the part returning to idle mode at the end of
conversion. Once again, the full settling-time of the filter has to
elapse before the Data Register is updated.
Reset Input
The
RESET input on the AD7730 resets all the logic, the digital
filter and the analog modulator while all on-chip registers are
reset to their default state.
RDY is driven high and the AD7730
ignores all communications to any of its registers while the
RESET input is low. When the RESET input returns high, the
AD7730 starts to process data and
RDY will return low after
the filter has settled indicating a valid new word in the data
register. However, the AD7730 operates with its default setup
conditions after a
RESET and it is generally necessary to set up all
registers and carry out a calibration after a
RESET command.
The AD7730’s on-chip oscillator circuit continues to function
even when the
RESET input is low. The master clock signal
continues to be available on the MCLK OUT pin. Therefore, in
applications where the system clock is provided by the AD7730’s
clock, the AD7730 produces an uninterrupted master clock
during
RESET commands.
Standby Mode
The
STANDBY input on the AD7730 allows the user to place
the part in a power-down mode when it is not required to pro-
vide conversion results. The part can also be placed in its
standby mode by writing 0, 1, 1 to the MD2, MD1, MD0 bits
of the Mode Register. The AD7730 retains the contents of all its
on-chip registers (including the Data Register) while in standby
mode. Data can still be read from the part in Standby Mode.
The STBY bit of the Status Register indicates whether the part
is in standby or normal operating mode. When the
STANDBY
pin is taken high, the part returns to operating as it had been
prior to the
STANDBY pin going low.
The
STANDBY input (or 0, 1, 1 in the MD2, MD1, MD0 bits)
does not affect the digital interface. It does, however, set the
RDY bit and pin high and also sets the STDY bit high. When
STANDBY goes high again, RDY and STDY remain high until
set low by a conversion or calibration.
Placing the part in standby mode, reduces the total current to
10
μA typical when the part is operated from an external master
clock provided this master clock is stopped. If the external clock
continues to run in standby mode, the standby current increases
to 400
μA typical. If a crystal or ceramic resonator is used as the
clock source, then the total current in standby mode is 400
μA
typical. This is because the on-chip oscillator circuit continues
to run when the part is in its standby mode. This is important in
applications where the system clock is provided by the AD7730’s
clock, so that the AD7730 produces an uninterrupted master
clock even when it is in its standby mode.
Digital Outputs
The AD7730 has two digital output pins, D0 and D1. When the
DEN bit of the Mode Register is set to 1, these digital outputs
assume the logic status of bits D0 and D1 of the Mode Register.
It gives the user access to two digital port pins which can be
programmed over the normal serial interface of the AD7730.
The two outputs obtain their supply voltage from AVDD,
thus the outputs operate to 5 V levels even in cases where
DVDD = +3 V.
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com