Electronic Components Datasheet Search
  English  ▼

X  

AD7730BNZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD7730BNZ
Description  Bridge Transducer ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7730BNZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7730BNZ Datasheet HTML 7Page - Analog Devices AD7730BNZ Datasheet HTML 8Page - Analog Devices AD7730BNZ Datasheet HTML 9Page - Analog Devices AD7730BNZ Datasheet HTML 10Page - Analog Devices AD7730BNZ Datasheet HTML 11Page - Analog Devices AD7730BNZ Datasheet HTML 12Page - Analog Devices AD7730BNZ Datasheet HTML 13Page - Analog Devices AD7730BNZ Datasheet HTML 14Page - Analog Devices AD7730BNZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
AD7730/AD7730L
–11–
Table III. Output Noise vs. Input Range and Update Rate (CHP = 0)
Typical Output RMS Noise in nV
Output
–3 dB
SF
Settling Time
Settling Time
Input Range
Input Range
Input Range
Input Range
Data Rate Frequency
Word
Normal Mode
Fast Mode
= 80 mV
= 40 mV
= 20 mV
= 10 mV
150 Hz
5.85 Hz
2048
166 ms
26.6 ms
160
110
80
60
200 Hz
7.8 Hz
1536
125 ms
20 ms
190
130
95
75
300 Hz
11.7 Hz
1024
83.3 ms
13.3 ms
235
145
100
80
600 Hz
23.4 Hz
512
41.6 ms
6.6 ms
300
225
135
110
1200 Hz
46.8 Hz
256
20.8 ms
3.3 ms
435
315
210
150
Table IV. Peak-to-Peak Resolution vs. Input Range and Update Rate (CHP = 0)
Peak-to-Peak Resolution in Counts (Bits)
Output
–3 dB
SF
Settling Time
Settling Time
Input Range
Input Range
Input Range
Input Range
Data Rate Frequency
Word
Normal Mode
Fast Mode
= 80 mV
= 40 mV
= 20 mV
= 10 mV
150 Hz
5.85 Hz
2048
166 ms
26.6 ms
165k (17.5)
120k (17)
80k (16.5)
55k (16)
200 Hz
7.8 Hz
1536
125 ms
20 ms
140k (17)
100k (16.5)
70k (16)
45k (15.5)
300 Hz
11.7 Hz
1024
83.3 ms
13.3 ms
115k (17)
90k (16.5)
65k (16)
40k (15.5)
600 Hz
23.4 Hz
512
41.6 ms
6.6 ms
90k (16.5)
60k (16)
50k (15.5)
30k (15)
1200 Hz
46.8 Hz
256
20.8 ms
3.3 ms
60k (16)
43k (15.5)
32k (15)
20k (14.5)
ON-CHIP REGISTERS
The AD7730 contains thirteen on-chip registers which can be accessed via the serial port of the part. These registers are summarized
in Figure 4 and in Table V and described in detail in the following sections.
COMMUNICATIONS REGISTER
STATUS REGISTER
DATA REGISTER
MODE REGISTER
FILTER REGISTER
DAC REGISTER
OFFSET REGISTER (x3)
GAIN REGISTER (x3)
TEST REGISTER
RS2
RS1
RS0
DIN
DOUT
DOUT
DOUT
DOUT
DOUT
DOUT
DOUT
DOUT
DIN
DIN
DIN
DIN
DIN
DIN
DIN
DOUT
REGISTER
SELECT
DECODER
Figure 4. Register Overview
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com