Electronic Components Datasheet Search
  English  ▼

X  

PE44346 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44346
Description  2.4mm Female Bulkhead Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .252 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44346 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44346 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44346 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44346 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
2.4mm Female Bulkhead Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405,
.252 inch D Hole
Configuration
Connector
2.4mm Female
Connector Interface Type
PE-SR405AL,PE-SR405FL,RG405
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 50
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Insertion Loss, dB
0.35
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +100
Size
Length, in [mm]
0.97 [24.64]
Width/Dia., in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
2.4mm Female
Mating Cycles
500
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204, Type II, Class 1
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM A380
Dielectric Type
PPO
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Female Bulkhead Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR-
405FL, RG405, .252 inch D Hole PE44346
PE44346
PE44346 REV 01
2.4mm Female Bulkhead Connector Clamp/Solder Attachment
For PE-SR405AL, PE-SR405FL, RG405, .252 inch D Hole


Similar Part No. - PE44346

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4434 PASTERNACK-PE4434 Datasheet
121Kb / 1P
N MAELE SOLDER/CLAMP FOR RG401 PE-SR401AL & PE-SR401FL
PE4434 PASTERNACK-PE4434 Datasheet
411Kb / 2P
N Male Connector Clamp/Solder Attachment
PE44340 PASTERNACK-PE44340 Datasheet
247Kb / 2P
SMA Female Connector Compression Attachment 2 Hole Flange Stub Terminal, .481 inch Hole Spacing
PE44341 PASTERNACK-PE44341 Datasheet
371Kb / 3P
SMA Female Precision Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal, .481 inch Hole Spacing
PE44342 PASTERNACK-PE44342 Datasheet
343Kb / 3P
SMA Female Precision Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
More results

Similar Description - PE44346

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44215 PASTERNACK-PE44215 Datasheet
271Kb / 2P
2.4mm Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4443 PASTERNACK-PE4443 Datasheet
124Kb / 1P
N FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4130 PASTERNACK-PE4130 Datasheet
105Kb / 1P
N FEMALE SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4984 PASTERNACK-PE4984 Datasheet
262Kb / 3P
3.5mm Female Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4119 PASTERNACK-PE4119 Datasheet
292Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PE4149 PASTERNACK-PE4149 Datasheet
95Kb / 1P
TNC FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4986 PASTERNACK-PE4986 Datasheet
284Kb / 3P
3.5mm Female Bulkhead Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PE44345 PASTERNACK-PE44345 Datasheet
588Kb / 3P
2.4mm Male Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44801 PASTERNACK-PE44801 Datasheet
296Kb / 3P
2.4mm Female Bulkhead Precision Connector Clamp/ Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405, .252 inch D Hole
PE44216 PASTERNACK-PE44216 Datasheet
376Kb / 3P
2.4mm Female Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com