Electronic Components Datasheet Search
  English  ▼

X  

PE44347 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44347
Description  2.92mm Male Connector Solder Attachment 2 Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44347 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44347 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44347 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44347 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
2.92mm Male Connector Solder Attachment 2 Hole Flange Pin Terminal, .354 inch Hole Spacing
Configuration
Connector
2.92mm Male
Connector Interface Type
Pin
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
2 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.62 [15.75]
Width/Dia., in [mm]
0.312 [7.92]
Height, in [mm]
0.46 [11.68]
.
Weight, lbs [g]
0.009 [4.08]
Connector
Type
2.92mm Male
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, in
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PPO
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Male Connector Solder Attachment 2 Hole Flange Pin Terminal, .354 inch Hole Spac-
ing PE44347
PE44347
PE44347 REV 01
2.92mm Male Connector Solder Attachment 2 Hole
Flange Pin Terminal, .354 inch Hole Spacing


Similar Part No. - PE44347

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4434 PASTERNACK-PE4434 Datasheet
121Kb / 1P
N MAELE SOLDER/CLAMP FOR RG401 PE-SR401AL & PE-SR401FL
PE4434 PASTERNACK-PE4434 Datasheet
411Kb / 2P
N Male Connector Clamp/Solder Attachment
PE44340 PASTERNACK-PE44340 Datasheet
247Kb / 2P
SMA Female Connector Compression Attachment 2 Hole Flange Stub Terminal, .481 inch Hole Spacing
PE44341 PASTERNACK-PE44341 Datasheet
371Kb / 3P
SMA Female Precision Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal, .481 inch Hole Spacing
PE44342 PASTERNACK-PE44342 Datasheet
343Kb / 3P
SMA Female Precision Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
More results

Similar Description - PE44347

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44480 PASTERNACK-PE44480 Datasheet
231Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB
PE4987 PASTERNACK-PE4987 Datasheet
221Kb / 3P
2.92mm Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4125 PASTERNACK-PE4125 Datasheet
228Kb / 3P
SMA Male Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .481 inch Hole Spacing
PE4988 PASTERNACK-PE4988 Datasheet
274Kb / 2P
2.92mm Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4989 PASTERNACK-PE4989 Datasheet
284Kb / 2P
2.92mm Male Connector Solder Attachment For 0.118 inch
PE44431 PASTERNACK-PE44431 Datasheet
221Kb / 3P
SSMA Male Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE45139 PASTERNACK-PE45139 Datasheet
332Kb / 3P
SMA Male Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal
PE4037 PASTERNACK-PE4037_16 Datasheet
342Kb / 3P
SMA Male Connector Solder Attachment
PE4112 PASTERNACK-PE4112_16 Datasheet
351Kb / 3P
SMA Male Connector Solder Attachment
PE4376 PASTERNACK-PE4376_16 Datasheet
376Kb / 3P
N Male Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com