Electronic Components Datasheet Search
  English  ▼

X  

PE44349 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44349
Description  N Male Connector Clamp/Solder Attachment For PE-C600
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44349 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44349 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44349 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44349 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Male Connector Clamp/Solder Attachment For PE-C600
Configuration
Connector
N Male
Connector Specification
MIL-C-39012
Connector Interface Type
PE-C600
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.93 [49.02]
Width/Dia., in [mm]
0.8 [20.32]
.
Weight, lbs [g]
0.162 [73.48]
Connector
Type
N Male
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male Connector Clamp/Solder Attachment For PE-C600 PE44349
PE44349
PE44349 REV 01
N Male Connector Clamp/Solder Attachment For PE-C600


Similar Part No. - PE44349

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4434 PASTERNACK-PE4434 Datasheet
121Kb / 1P
N MAELE SOLDER/CLAMP FOR RG401 PE-SR401AL & PE-SR401FL
PE4434 PASTERNACK-PE4434 Datasheet
411Kb / 2P
N Male Connector Clamp/Solder Attachment
PE44340 PASTERNACK-PE44340 Datasheet
247Kb / 2P
SMA Female Connector Compression Attachment 2 Hole Flange Stub Terminal, .481 inch Hole Spacing
PE44341 PASTERNACK-PE44341 Datasheet
371Kb / 3P
SMA Female Precision Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal, .481 inch Hole Spacing
PE44342 PASTERNACK-PE44342 Datasheet
343Kb / 3P
SMA Female Precision Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
More results

Similar Description - PE44349

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44350 PASTERNACK-PE44350 Datasheet
324Kb / 3P
N Female Connector Clamp/Solder Attachment For PE-C600
PE4006 PASTERNACK-PE4006 Datasheet
105Kb / 1P
N MALE SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
PE4085 PASTERNACK-PE4085 Datasheet
222Kb / 3P
SMA Male Connector Clamp/Solder Attachment For PE-P195
PE44523 PASTERNACK-PE44523 Datasheet
246Kb / 2P
N Male Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
PE44535 PASTERNACK-PE44535 Datasheet
256Kb / 2P
N Female Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
PE4133 PASTERNACK-PE4133 Datasheet
245Kb / 3P
N Male Connector Clamp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE44046 PASTERNACK-PE44046 Datasheet
312Kb / 3P
N Male Connector Clamp/Solder Attachment For PE-C500
PE44527 PASTERNACK-PE44527 Datasheet
215Kb / 2P
N Male Right Angle Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
PE45005 PASTERNACK-PE45005 Datasheet
420Kb / 3P
1.85mm Male Connector Clamp-Solder Attachment for PE-P086
PE44454 PASTERNACK-PE44454 Datasheet
250Kb / 2P
N Male Connector Crimp/Solder Attachment For PE-C600
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com