Electronic Components Datasheet Search
  English  ▼

X  

PE44387 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44387
Description  SSMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44387 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44387 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44387 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44387 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SSMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
Configuration
Connector
SSMA Female
Connector Specification
MIL-C-39012
Connector Interface Type
PE-SR405AL,PE-SR405FL,RG405
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.5 [12.7]
Width/Dia., in [mm]
0.187 [4.75]
.
Weight, lbs [g]
0.004 [1.81]
Connector
Type
SSMA Female
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information includ-
ing price, inventory and certifications: SSMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL,
RG405 PE44387
PE44387
PE44387 REV 01
SSMA Female Connector Solder Attachment
For PE-SR405AL, PE-SR405FL, RG405


Similar Part No. - PE44387

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4438 PASTERNACK-PE4438 Datasheet
280Kb / 2P
N Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4438 PASTERNACK-PE4438 Datasheet
388Kb / 3P
N Female Connector Crimp/Solder Attachment
PE44380 PASTERNACK-PE44380 Datasheet
227Kb / 3P
SSMA Male Right Angle Connector Crimp - Solder Attachment For RG178, RG196
PE44381 PASTERNACK-PE44381 Datasheet
274Kb / 3P
SSMA Male Connector Crimp/Solder Attachment For RG178, RG196
PE44382 PASTERNACK-PE44382 Datasheet
292Kb / 2P
SSMA Male Connector Solder (Without Contact) Attachment For PE-SR405AL, PE-SR405FL, RG405
More results

Similar Description - PE44387

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44382 PASTERNACK-PE44382 Datasheet
292Kb / 2P
SSMA Male Connector Solder (Without Contact) Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44384 PASTERNACK-PE44384 Datasheet
222Kb / 3P
SSMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4130 PASTERNACK-PE4130 Datasheet
105Kb / 1P
N FEMALE SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4653 PASTERNACK-PE4653 Datasheet
321Kb / 3P
N Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4984 PASTERNACK-PE4984 Datasheet
262Kb / 3P
3.5mm Female Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4116 PASTERNACK-PE4116 Datasheet
213Kb / 2P
SMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4853 PASTERNACK-PE4853 Datasheet
209Kb / 2P
RP SMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44704 PASTERNACK-PE44704 Datasheet
847Kb / 2P
N Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44383 PASTERNACK-PE44383 Datasheet
226Kb / 3P
SSMA Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44390 PASTERNACK-PE44390 Datasheet
226Kb / 3P
SSMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .177 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com