Electronic Components Datasheet Search
  English  ▼

X  

PE44389 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44389
Description  SSMA Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .177 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44389 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44389 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44389 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SSMA Female Bulkhead Connector Crimp/Solder
Attachment For RG178, RG196, .177 inch D Hole
SSMA Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .177 inch D Hole
Configuration
Connector
SSMA Female
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.88 [22.35]
Width/Dia., in [mm]
0.25 [6]
.
Weight, lbs [g]
0.005 [2.27]
Connector
Type
SSMA Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SSMA Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .177 inch D Hole from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMA Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .177 inch D
Hole PE44389
URL: http://www.pasternack.com/ssma-female-standard-rg178-rg196-connector-pe44389-p.aspx
PE44389
PE44389 REV


Similar Part No. - PE44389

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4438 PASTERNACK-PE4438 Datasheet
280Kb / 2P
N Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4438 PASTERNACK-PE4438 Datasheet
388Kb / 3P
N Female Connector Crimp/Solder Attachment
PE44380 PASTERNACK-PE44380 Datasheet
227Kb / 3P
SSMA Male Right Angle Connector Crimp - Solder Attachment For RG178, RG196
PE44381 PASTERNACK-PE44381 Datasheet
274Kb / 3P
SSMA Male Connector Crimp/Solder Attachment For RG178, RG196
PE44382 PASTERNACK-PE44382 Datasheet
292Kb / 2P
SSMA Male Connector Solder (Without Contact) Attachment For PE-SR405AL, PE-SR405FL, RG405
More results

Similar Description - PE44389

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44381 PASTERNACK-PE44381 Datasheet
274Kb / 3P
SSMA Male Connector Crimp/Solder Attachment For RG178, RG196
PE4886 PASTERNACK-PE4886 Datasheet
262Kb / 3P
MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .177 inch D Hole
PE4279 PASTERNACK-PE4279 Datasheet
226Kb / 3P
SMC JACK BULKHEAD CONNECTOR CLAMP/SOLDER ATTACHMENT FOR RG178 RG196,. 177 INCH D HOLE
PE44374 PASTERNACK-PE44374 Datasheet
226Kb / 3P
RP MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .177 inch D Hole
PE44388 PASTERNACK-PE44388 Datasheet
226Kb / 3P
SSMA Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE44404 PASTERNACK-PE44404 Datasheet
111Kb / 1P
SSMA FEMALE SOLDER ATTACHMENT FOR RG178 &RG196
PE44406 PASTERNACK-PE44406 Datasheet
113Kb / 1P
SSMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 & RG196
PE44406 PASTERNACK-PE44406 Datasheet
113Kb / 1P
SSMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 &RG196
PE44658 PASTERNACK-PE44658 Datasheet
219Kb / 2P
BNC Female Bulkhead Connector Crimp-Solder Attachment For RG178, RG196, .480 inch D Hole
PE44428 PASTERNACK-PE44428 Datasheet
231Kb / 3P
SSMA Female Bulkhead Connector Solder Attachment For PE-034SR, .177 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com