Electronic Components Datasheet Search
  English  ▼

X  

PE44392 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44392
Description  SSMA Female Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44392 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44392 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44392 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44392 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SSMA Female Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMA Female Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole PE44392
URL: http://www.pasternack.com/ssma-female-standard-turret-terminal-connector-pe44392-p.aspx
SSMA Female Bulkhead Connector Solder
Attachment Turret Terminal, .177 inch D Hole
PE44392
PE44392 REV 01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com