Electronic Components Datasheet Search
  English  ▼

X  

PE44395 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44395
Description  SSMA Female Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44395 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44395 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44395 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44395 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SSMA Female Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
Configuration
Connector
SSMA Female
Connector Specification
MIL-C-39012
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
2 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.575 [14.61]
Width/Dia., in [mm]
0.188 [4.78]
Height, in [mm]
0.469 [11.91]
.
Weight, lbs [g]
0.004 [1.81]
Connector
Type
SSMA Female
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
QQ-P-35
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMA Female Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch
Hole Spacing PE44395
PE44395
PE44395 REV 01
SSMA Female Connector Solder Attachment 2 Hole
Flange Solder Cup Terminal, .328 inch Hole Spacing


Similar Part No. - PE44395

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4439 PASTERNACK-PE4439 Datasheet
120Kb / 1P
N FEMALE SOLDER/CLAMP ATTACHMENT
PE44390 PASTERNACK-PE44390 Datasheet
226Kb / 3P
SSMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .177 inch D Hole
PE44391 PASTERNACK-PE44391 Datasheet
293Kb / 3P
SSMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44392 PASTERNACK-PE44392 Datasheet
220Kb / 3P
SSMA Female Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
PE44393 PASTERNACK-PE44393 Datasheet
221Kb / 3P
SSMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
More results

Similar Description - PE44395

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44139 PASTERNACK-PE44139 Datasheet
253Kb / 3P
SMB Jack Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE44432 PASTERNACK-PE44432 Datasheet
809Kb / 2P
SSMA Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
PE4867 PASTERNACK-PE4867 Datasheet
254Kb / 3P
RP SMA Female Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .481 inch Hole Spacing
PE4891 PASTERNACK-PE4891 Datasheet
460Kb / 3P
MCX Jack Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE44077 PASTERNACK-PE44077 Datasheet
220Kb / 3P
N Female Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, 1.0 inch Hole Spacing
PE44393 PASTERNACK-PE44393 Datasheet
221Kb / 3P
SSMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
PE44394 PASTERNACK-PE44394 Datasheet
220Kb / 3P
SSMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
PE44433 PASTERNACK-PE44433 Datasheet
220Kb / 3P
SSMA Female Connector Solder Attachment 2 Hole Flange Pin Terminal, .328 inch Hole Spacing
PE44140 PASTERNACK-PE44140 Datasheet
254Kb / 2P
SMC Jack Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE44431 PASTERNACK-PE44431 Datasheet
221Kb / 3P
SSMA Male Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com