Electronic Components Datasheet Search
  English  ▼

X  

AD8115AST Datasheet(PDF) 16 Page - Analog Devices

Part # AD8115AST
Description  Low Cost 225 MHz 16 횞 16 Crosspoint Switches
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8115AST Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8115AST Datasheet HTML 12Page - Analog Devices AD8115AST Datasheet HTML 13Page - Analog Devices AD8115AST Datasheet HTML 14Page - Analog Devices AD8115AST Datasheet HTML 15Page - Analog Devices AD8115AST Datasheet HTML 16Page - Analog Devices AD8115AST Datasheet HTML 17Page - Analog Devices AD8115AST Datasheet HTML 18Page - Analog Devices AD8115AST Datasheet HTML 19Page - Analog Devices AD8115AST Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD8114/AD8115
Rev. B | Page 16 of 32
0V
0.05V
0V
–0.05V
5V
UPDATE
50ns
Figure 37. AD8114 Switching Transient (Glitch)
OFFSET VOLTAGE (mV)
0
–12
–10
20
40
60
80
100
120
140
160
180
200
220
240
260
–8
–6
–4
–2
0
2
4
6
8
10
Figure 38. AD8114 Offset Voltage Distribution
OFFSET VOLTAGE DRIFT (
µV/°C)
0
–20
4
8
12
16
20
24
28
32
36
40
44
–16
–12
–8
–4
0
4
8
12
16
20
Figure 39. AD8114 Offset Voltage Drift Distribution (−40°C to +85°C)
0V
0.05V
0V
–0.05V
5V
UPDATE
50ns
Figure 40. AD8115 Switching Transient (Glitch)
OFFSET VOLTAGE (mV)
0
–14
–10
–12
20
40
60
80
100
120
140
160
180
200
220
240
–8 –6 –4 –2
0
2
4
10 12 14 16
6
8
18
Figure 41. AD8115 Offset Voltage Distribution
OFFSET VOLTAGE DRIFT (
µV/°C)
0
4
8
12
16
20
24
28
32
36
40
44
–12
–8
–4
0
4
8
12
16
20
Figure 42. AD8115 Offset Voltage Drift Distribution (−40°C to +85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com