Electronic Components Datasheet Search
  English  ▼

X  

AD8115ASTZ2 Datasheet(PDF) 31 Page - Analog Devices

Part # AD8115ASTZ2
Description  Low Cost 225 MHz 16 횞 16 Crosspoint Switches
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8115ASTZ2 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD8115ASTZ2 Datasheet HTML 24Page - Analog Devices AD8115ASTZ2 Datasheet HTML 25Page - Analog Devices AD8115ASTZ2 Datasheet HTML 26Page - Analog Devices AD8115ASTZ2 Datasheet HTML 27Page - Analog Devices AD8115ASTZ2 Datasheet HTML 28Page - Analog Devices AD8115ASTZ2 Datasheet HTML 29Page - Analog Devices AD8115ASTZ2 Datasheet HTML 30Page - Analog Devices AD8115ASTZ2 Datasheet HTML 31Page - Analog Devices AD8115ASTZ2 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
AD8114/AD8115
Rev. B | Page 31 of 32
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-BED
TOP VIEW
(PINS DOWN)
1
25
26
51
50
75
76
100
0.50
BSC
LEAD PITCH
0.27
0.22
0.17
1.60 MAX
0.75
0.60
0.45
VIEW A
16.00
BSC SQ
14.00
BSC SQ
PIN 1
1.45
1.40
1.35
0.15
0.05
0.20
0.09
0.08 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
7°
3.5°
0°
Figure 60. 100-Lead Low Profile Quad Flat Package [LQFP]
(ST-100)
Dimension shown in millimeters
ORDERING GUIDE1
Model
Temperature Range
Package Description
Package Option
AD8114AST
−40°C to +85°C
100-Lead Low Profile Quad Flat Package [LQFP]
ST-100
AD8114ASTZ2
−40°C to +85°C
100-Lead Low Profile Quad Flat Package [LQFP]
ST-100
AD8115AST
−40°C to +85°C
100-Lead Low Profile Quad Flat Package [LQFP]
ST-100
AD8115ASTZ2
−40°C to +85°C
100-Lead Low Profile Quad Flat Package [LQFP]
ST-100
AD8114-EVAL
Evaluation Board
AD8115-EVAL
Evaluation Board
1 Details of the lead finish composition can be found on the ADI website at www.analog.com by reviewing the Material Description of each relevant package.
2 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com