Electronic Components Datasheet Search
  English  ▼

X  

AD9734BBCRL Datasheet(PDF) 34 Page - Analog Devices

Part # AD9734BBCRL
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9734BBCRL Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9734BBCRL Datasheet HTML 30Page - Analog Devices AD9734BBCRL Datasheet HTML 31Page - Analog Devices AD9734BBCRL Datasheet HTML 32Page - Analog Devices AD9734BBCRL Datasheet HTML 33Page - Analog Devices AD9734BBCRL Datasheet HTML 34Page - Analog Devices AD9734BBCRL Datasheet HTML 35Page - Analog Devices AD9734BBCRL Datasheet HTML 36Page - Analog Devices AD9734BBCRL Datasheet HTML 37Page - Analog Devices AD9734BBCRL Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 34 of 72
CONTROLLER CLOCK PREDIVIDER (CCLK_DIV) READING REGISTER (REG. 22)
ADR
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x16
CCLK_DIV
RESERVED
RESERVED
RESERVED
RESERVED
CCD<3>
CCD<2>
CCD<1>
CCD<0>
Table 18. Controller Clock Predivider Register Bit Descriptions
Bit Name
Read/Write
Description
CCD<3:0>
WRITE
0x0, controller clock = DACCLK/16.
0x1, controller clock = DACCLK/32.
0x2, controller clock = DACCLK/64 …
0xF, controller clock = DACCLK/524288.
NOTE: The 100 MHz to 1.2 GHz DACCLK must be divided to less than 10 MHz for correct operation. CCD<3:0>
must be programmed to divide the DACCLK so that this relationship is not violated. Controller clock =
DACCLK/(2 ^ ( CCD<3:0> + 4 )).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com