Electronic Components Datasheet Search
  English  ▼

X  

AD9852ASVZ1 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9852ASVZ1
Description  CMOS 300 MSPS Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852ASVZ1 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9852ASVZ1 Datasheet HTML 28Page - Analog Devices AD9852ASVZ1 Datasheet HTML 29Page - Analog Devices AD9852ASVZ1 Datasheet HTML 30Page - Analog Devices AD9852ASVZ1 Datasheet HTML 31Page - Analog Devices AD9852ASVZ1 Datasheet HTML 32Page - Analog Devices AD9852ASVZ1 Datasheet HTML 33Page - Analog Devices AD9852ASVZ1 Datasheet HTML 34Page - Analog Devices AD9852ASVZ1 Datasheet HTML 35Page - Analog Devices AD9852ASVZ1 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
AD9852
Rev. E | Page 32 of 52
Table 9. Register Layout1
AD9852 Register Layout
Parallel
Address
(Hex)
Serial
Address
(Hex)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
(Hex)
00
01
0
Phase Adjust Register 1 <13:8> (Bits 15, 14 don’t care)
Phase Adjust Register 1 <7:0>
Phase 1
00
00
02
03
1
Phase Adjust Register 2 <13:8> (Bits 15, 14 don’t care)
Phase Adjust Register 2 <7:0>
Phase 2
00
00
04
05
06
07
08
09
2
Frequency Tuning Word 1 <47:40>
Frequency Tuning Word 1 <39:32>
Frequency Tuning Word 1 <31:24>
Frequency Tuning Word 1 <23:16>
Frequency Tuning Word 1 <15:8>
Frequency Tuning Word 1 <7:0>
Frequency 1
00
00
00
00
00
00
0A
0B
0C
0D
0E
0F
3
Frequency Tuning Word 2 <47:40>
Frequency Tuning Word 2 <39:32>
Frequency Tuning Word 2 <31:24>
Frequency Tuning Word 2 <23:16>
Frequency Tuning Word 2 <15:8>
Frequency Tuning Word 2 <7:0>
Frequency 2
00
00
00
00
00
00
10
11
12
13
14
15
Delta frequency word <47:40>
Delta frequency word <39:32>
Delta frequency word <31:24>
Delta frequency word <23:16>
Delta frequency word <15:8>
Delta frequency word <7:0>
00
00
00
00
00
00
16
17
18
19
5
Update clock <31:24>
Update clock <23:16>
Update clock <15:8>
Update clock <7:0>
00
00
00
00
1A
1B
1C
6
Ramp rate clock <19:16> (Bits 23, 22, 21, 20, don’t care)
Ramp rate clock <15:8>
Ramp rate clock <7:0>
00
00
00
1D
7
Don’t care
CR [31]
Don’t care
Don’t
care
Comp
PD
Reserved,
always
low
Control
DAC PD
DAC PD
DIG PD
10
1E
Don’t care
PLL range
Bypass
PLL
Ref
Mult 4
Ref
Mult 3
Ref Mult 2
Ref
Mult 1
Ref Mult 0
64
1F
CLR ACC1
CLR ACC2
Triangle
Don’t
care
Mode 2
Mode 1
Mode 0
Int/Ext
update clock
01
20
Don’t care
Bypass inv
sinc
OSK EN
OSK INT
Don’t care
Don’t care
LSB first
SDO active
CR [0]
20
21
22
8
Output shaped keying multiplier <11:8> (Bits 15, 14, 13, 12 don’t care)
Output shaped keying multiplier <7:0>
00
00
23
24
9
Don’t care
Don’t care
00
00
25
A
Output shaped keying ramp rate <7:0>
80
26
27
B
Control DAC <11:8> (Bits 15, 14, 13, 12 don’t care)
Control DAC <7:0> (Data is required to be in twos complement format)
00
00
1 The shaded sections comprise the control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com