Electronic Components Datasheet Search
  English  ▼

X  

AD9735BBC Datasheet(PDF) 50 Page - Analog Devices

Part # AD9735BBC
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9735BBC Datasheet(HTML) 50 Page - Analog Devices

Back Button AD9735BBC Datasheet HTML 46Page - Analog Devices AD9735BBC Datasheet HTML 47Page - Analog Devices AD9735BBC Datasheet HTML 48Page - Analog Devices AD9735BBC Datasheet HTML 49Page - Analog Devices AD9735BBC Datasheet HTML 50Page - Analog Devices AD9735BBC Datasheet HTML 51Page - Analog Devices AD9735BBC Datasheet HTML 52Page - Analog Devices AD9735BBC Datasheet HTML 53Page - Analog Devices AD9735BBC Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 50 of 72
APPLICATIONS INFORMATION
DRIVING THE DACCLK INPUT
The DACCLK input requires a low jitter differential drive
signal. It is a PMOS input differential pair powered from the
1.8 V supply, so it is important to maintain the specified 400 mV
input common-mode voltage. Each input pin can safely swing
from 200 mV p-p to 800 mV p-p about the 400 mV common-
mode voltage. While these input levels are not directly LVDS
compatible, DACCLK can be driven by an offset ac-coupled
LVDS signal, as shown in Figure 90.
LVDS_P_IN
CLK+
50
Ω
50
Ω
0.1
μF
0.1
μF
LVDS_N_IN
CLK–
VCM = 400mV
Figure 90. LVDS DACCLK Drive Circuit
If a clean sine clock is available, it can be transformer-coupled
to DACCLK, as shown in Figure 107. Use of a CMOS or TTL
clock can also be acceptable for lower sample rates. It is routed
through a CMOS to LVDS translator, then ac-coupled, as
described previously. Alternatively, it can be transformer-
coupled and clamped, as shown in Figure 91.
50
Ω
50
Ω
TTL OR CMOS
CLK INPUT
CLK+
CLK–
VCM = 400mV
BAV99ZXCT
HIGH SPEED
DUAL DIODE
0.1
μF
Figure 91. TTL or CMOS DACCLK Drive Circuit
A simple bias network for generating VCM is shown in
Figure 92. It is important to use CVDD18 and CVSS for the
clock bias circuit. Any noise or other signal that is coupled onto
the clock is multiplied by the DAC digital input signal and may
degrade the DAC performance.
0.1µF
1nF
1nF
VCM = 400mV
CVDD
1.8V
CVSS
1kΩ
287Ω
Figure 92. DACCLK VCM Generator Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com