Electronic Components Datasheet Search
  English  ▼

X  

AD9888 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9888
Description  100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9888 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9888 Datasheet HTML 17Page - Analog Devices AD9888 Datasheet HTML 18Page - Analog Devices AD9888 Datasheet HTML 19Page - Analog Devices AD9888 Datasheet HTML 20Page - Analog Devices AD9888 Datasheet HTML 21Page - Analog Devices AD9888 Datasheet HTML 22Page - Analog Devices AD9888 Datasheet HTML 23Page - Analog Devices AD9888 Datasheet HTML 24Page - Analog Devices AD9888 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Data Sheet
AD9888
Rev. C | Page 21 of 36
2-WIRE SERIAL REGISTER MAP
The AD9888 is initialized and controlled by a set of registers that determine the operating modes. An external controller is employed to
write and read the control registers through the two-line serial interface port.
Table 8. Control Register Map
Hex
Address
Read and
Write, or
Read Only
Bits
Default
Value
Register Name
Function
0x00
RO
[7:0]
Chip revision
An 8-bit register that represents the silicon revision level.
0x01
R/W
[7:0]
01101001
PLL divider MSB
MSBs (Bits[11:4]) of the PLL divider word. Larger values mean the PLL
operates at a faster rate. This register should be loaded first whenever a
change is needed to allow the PLL more time to lock.1
0x02
R/W
[7:4]
1101****
PLL divider LSB
LSBs of the PLL divider word.1
0x03
R/W
[7:3]
01******
VCO range
select/charge
pump current
Bits[7:6]—VCO range. Selects VCO frequency range. See the Clock
Generation section.
**001***
Bits[5:3]—charge pump current. Varies the current that drives the low-
pass filter. See the Clock Generation section.
0x04
R/W
[7:3]
10000***
Clock Phase
adjust
ADC Clock phase adjustment. Larger values mean more delay.
(1 LSB = t/32)
0x05
R/W
[7:0]
00001000
Clamp
placement
Places the CLAMP signal an integer number of clock periods after the
trailing edge of the HSYNC signal.
0x06
R/W
[7:0]
00010100
Clamp duration
Number of clock periods that the CLAMP signal is actively clamping.
0x07
R/W
[7:0]
00100000
HSYNC output
pulse width
Sets the number of pixel clocks that HSOUT remains active.
0x08
R/W
[7:0]
10000000
Red gain
Controls the ADC input range (contrast) of the red channel. Bigger
values result in less contrast.
0x09
R/W
[7:0]
10000000
Green gain
Same function as the red gain bits, but for the green channel.
0x0A
R/W
[7:0]
10000000
Blue gain
Same function as the red gain bits, but for the blue channel.
0x0B
R/W
[7:1]
1000000*
Red offset
Controls dc offset (brightness) of the red channel. Bigger values
decrease brightness.
0x0C
R/W
[7:1]
1000000*
Green offset
Same function as the red offset bits, but for the green channel.
0x0D
R/W
[7:1]
1000000*
Blue offset
Same function as the red offset bits, but for the blue channel.
0x0E
R/W
[7:0]
0*******
Sync control
Bit 7—HSYNC input polarity override. Logic 0 = polarity determined by
chip; Logic 1 = polarity set by Bit 6 in Register 0x0E.
*1******
Bit 6—HSYNC input polarity. Indicates to the PLL the polarity of the
incoming HSYNC signal. Logic 0 = active low; Logic 1 = active high.
**0*****
Bit 5—HSYNC output polarity. Logic 0 = logic high sync; Logic 1 = logic
low sync.
***0****
Bit 4—active HSYNC override. Logic 1 = the user can select the HSYNC
to be used via Bit 3; Logic 0 = the active interface is selected via Bit 6 in
Register 0x14.
****0***
Bit 3—active HSYNC select. Logic 0 = selects HSYNC as the active sync;
Logic 1 = selects sync-on-green as the active sync. Note that the
indicated HSYNC is used only if Bit 4 is set to Logic 1 or if both syncs are
active (Bit 1 and Bit 7 are set to Logic 1 in Register 0x14).
*****0**
Bit 2—VSYNC output invert. Logic 0 = invert; Logic 1 = no invert.
******0*
Bit 1—active VSYNC override. Logic 1 = the user can select the VSYNC to
be used via Bit 0; Logic 0 = the active interface is selected via Bit 3 in
Register 0x14.
*******0
Bit 0—active VSYNC select. Logic 0 = selects raw VSYNC as the output
VSYNC; Logic 1 = selects sync separated VSYNC as the output VSYNC.
Note that the indicated VSYNC is used only if Bit 1 is set to Logic 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com