Electronic Components Datasheet Search
  English  ▼

X  

AD9736-EB Datasheet(PDF) 2 Page - Analog Devices

Part # AD9736-EB
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736-EB Datasheet(HTML) 2 Page - Analog Devices

  AD9736-EB Datasheet HTML 1Page - Analog Devices AD9736-EB Datasheet HTML 2Page - Analog Devices AD9736-EB Datasheet HTML 3Page - Analog Devices AD9736-EB Datasheet HTML 4Page - Analog Devices AD9736-EB Datasheet HTML 5Page - Analog Devices AD9736-EB Datasheet HTML 6Page - Analog Devices AD9736-EB Datasheet HTML 7Page - Analog Devices AD9736-EB Datasheet HTML 8Page - Analog Devices AD9736-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 2 of 72
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 3
Specifications..................................................................................... 4
DC Specifications ......................................................................... 4
Digital Specifications ................................................................... 6
AC Specifications.......................................................................... 8
Absolute Maximum Ratings............................................................ 9
Thermal Resistance ...................................................................... 9
ESD Caution.................................................................................. 9
Pin Configurations and Function Descriptions ......................... 10
Location of Supply and Control Pins....................................... 16
Terminology .................................................................................... 17
Typical Performance Characteristics ........................................... 18
AD9736 Static Linearity, 10 mA Full Scale ............................. 18
AD9736 Static Linearity, 20 mA Full Scale ............................. 19
AD9736 Static Linearity, 30 mA Full Scale ............................. 20
AD9735 Static Linearity, 10 mA, 20 mA, 30 mA
Full Scale...................................................................................... 21
AD9734 Static Linearity, 10 mA, 20 mA, 30 mA
Full Scale...................................................................................... 22
AD9736 Power Consumption, 20 mA Full Scale....................... 23
AD9736 Dynamic Performance, 20 mA Full Scale................ 24
AD9735, AD9734 Dynamic Performance, 20 mA
Full Scale...................................................................................... 27
AD973x WCDMA ACLR, 20 mA Full Scale .......................... 28
SPI Register Map............................................................................. 29
SPI Register Details ........................................................................ 30
Mode Register (Reg. 0) .............................................................. 30
Interrupt Request Register (IRQ) (Reg. 1) .............................. 30
Full Scale Current (FSC) Registers (Reg. 2, Reg. 3)............... 31
LVDS Controller (LVDS_CNT) Registers
(Reg. 4, Reg. 5, Reg. 6) ............................................................... 31
SYNC Controller (SYNC_CNT) Registers
(Reg. 7, Reg. 8)............................................................................ 32
Cross Controller (CROS_CNT) Registers
(Reg. 10, Reg. 11)........................................................................ 32
Analog Control (ANA_CNT) Registers
(Reg. 14, Reg. 15)........................................................................ 33
Built-In Self Test Control (BIST_CNT) Registers
(Reg. 17, Reg. 18, Reg. 19, Reg. 20, Reg. 21)........................... 33
Controller Clock Predivider (CCLK_DIV) Reading
Register (Reg. 22) ....................................................................... 34
Theory of Operation ...................................................................... 35
Serial Peripheral Interface ............................................................. 36
General Operation of the Serial Interface............................... 36
Short Instruction Mode (8-Bit Instruction) ........................... 36
Long Instruction Mode (16-Bit Instruction).......................... 36
Serial Interface Port Pin Descriptions ..................................... 36
SCLK—Serial Clock............................................................... 36
CSB—Chip Select................................................................... 37
SDIO—Serial Data I/O.......................................................... 37
SDO—Serial Data Out .......................................................... 37
MSB/LSB Transfers .................................................................... 37
Notes on Serial Port Operation ................................................ 37
Pin Mode Operation .................................................................. 38
RESET Operation ....................................................................... 38
Programming Sequence ............................................................ 38
Interpolation Filter ..................................................................... 39
Data Interface Controllers......................................................... 39
LVDS Sample Logic.................................................................... 40
LVDS Sample Logic Calibration............................................... 40
Operating the LVDS Controller in Manual Mode via the
SPI Port ........................................................................................ 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com