Electronic Components Datasheet Search
  English  ▼

X  

25LC020A Datasheet(PDF) 1 Page - Microchip Technology

Part # 25LC020A
Description  2K SPI Bus Serial EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC020A Datasheet(HTML) 1 Page - Microchip Technology

  25LC020A Datasheet HTML 1Page - Microchip Technology 25LC020A Datasheet HTML 2Page - Microchip Technology 25LC020A Datasheet HTML 3Page - Microchip Technology 25LC020A Datasheet HTML 4Page - Microchip Technology 25LC020A Datasheet HTML 5Page - Microchip Technology 25LC020A Datasheet HTML 6Page - Microchip Technology 25LC020A Datasheet HTML 7Page - Microchip Technology 25LC020A Datasheet HTML 8Page - Microchip Technology 25LC020A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
 2003-2012 Microchip Technology Inc.
DS21833G-page 1
25AA020A/25LC020A
Device Selection Table
Features:
• 10 MHz max. Clock Frequency
• Low-Power CMOS Technology:
- Max. Write Current: 5 mA at 5.5V, 10 MHz
- Read Current: 5 mA at 5.5V, 10 MHz
- Standby Current: 5
A at 5.5V
• 256 x 8-bit Organization
• Write Page mode (up to 16 bytes)
• Sequential Read
• Self-Timed Erase and Write Cycles (5 ms max.)
• Block Write Protection:
- Protect none, 1/4, 1/2 or all of array
• Built-in Write Protection:
- Power-on/off data protection circuitry
- Write enable latch
- Write-protect pin
• High Reliability:
- Endurance: 1,000,000 Erase/Write cycles
- Data retention: >200 years
- ESD protection: >4000V
• Temperature Ranges Supported:
• Pb-Free and RoHS Compliant
Pin Function Table
Description:
The Microchip Technology Inc. 25XX020A* is a 2 Kbit
Serial Electrically Erasable Programmable Read-Only
Memory (EEPROM). The memory is accessed via a
simple Serial Peripheral Interface (SPI) compatible
serial bus. The bus signals required are a clock input
(SCK) plus separate data in (SI) and data out (SO)
lines. Access to the device is controlled through a Chip
Select (CS) input.
Communication to the device can be paused via the
hold pin (HOLD). While the device is paused, transi-
tions on its inputs will be ignored, with the exception of
Chip Select, allowing the host to service higher priority
interrupts.
The 25XX020A is available in standard packages
including 8-lead PDIP and SOIC, and advanced
packages including 8-lead MSOP, 8-lead TSSOP and
rotated TSSOP, 8-lead 2x3 DFN and TDFN, and 6-lead
SOT-23.
Package Types (not to scale)
Part Number
VCC Range
Page Size
Temp. Ranges
Packages
25AA020A
1.8-5.5V
16 Bytes
I
P, MS, SN, ST, MN, MC, OT
25LC020A
2.5-5.5V
16 Bytes
I, E
P, MS, SN, ST, MN, MC, OT
- Industrial (I):
-40
Cto +85C
- Automotive (E):
-40
Cto +125C
Name
Function
CS
Chip Select Input
SO
Serial Data Output
WP
Write-Protect
VSS
Ground
SI
Serial Data Input
SCK
Serial Clock Input
HOLD
Hold Input
VCC
Supply Voltage
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
(P, SN)
TSSOP/MSOP
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
(ST, MS)
PDIP/SOIC
VSS
1
2
34
6
5
VDD
CS
SO
(OT)
X-Rotated TSSOP
HOLD
VCC
CS
SO
1
2
3
4
8
7
6
5
SCK
SI
VSS
WP
(X/ST)
SOT-23
SCK
SI
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
(MC, MN)
DFN/TDFN
2K SPI Bus Serial EEPROM
*25XX020A is used in this document as a generic part
number for the 25AA020A and the 25LC020A.


Similar Part No. - 25LC020A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC020A MICROCHIP-25LC020A Datasheet
483Kb / 28P
2K SPI Bus Serial EEPROM
2006
25LC020A MICROCHIP-25LC020A Datasheet
348Kb / 24P
1K-4K SPI Serial EEPROM High Temp Family Data Sheet
2009
25LC020A-E/MC MICROCHIP-25LC020A-E/MC Datasheet
483Kb / 28P
2K SPI Bus Serial EEPROM
2006
25LC020A-E/MS MICROCHIP-25LC020A-E/MS Datasheet
483Kb / 28P
2K SPI Bus Serial EEPROM
2006
25LC020A-E/OT MICROCHIP-25LC020A-E/OT Datasheet
483Kb / 28P
2K SPI Bus Serial EEPROM
2006
More results

Similar Description - 25LC020A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST95P02 STMICROELECTRONICS-ST95P02 Datasheet
151Kb / 16P
SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
Jun-1996
logo
Fairchild Semiconductor
NM25C020 FAIRCHILD-NM25C020 Datasheet
108Kb / 10P
2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Microchip Technology
25AA020A MICROCHIP-25AA020A Datasheet
483Kb / 28P
2K SPI Bus Serial EEPROM
2006
25AA02E48 MICROCHIP-25AA02E48_10 Datasheet
485Kb / 26P
2K SPI Bus Serial EEPROM with EUI-48??Node Identity
2010
logo
Sanyo Semicon Device
LE25CB1282M SANYO-LE25CB1282M Datasheet
297Kb / 13P
Serial SPI EEPROM (SPI Bus)(128Kbit)
LE25LA322 SANYO-LE25LA322 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (32Kbit)
LE25LB642CT SANYO-LE25LB642CT Datasheet
372Kb / 14P
Serial SPI EEPROM (SPI Bus)(64Kbit)
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
Serial SPI EEPROM (SPI Bus)(128Kbit)
LE25LB2562M SANYO-LE25LB2562M_10 Datasheet
254Kb / 14P
256Kbit Serial SPI EEPROM (SPI Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com