Electronic Components Datasheet Search
  English  ▼

X  

ENC28J60T Datasheet(PDF) 1 Page - Microchip Technology

Part # ENC28J60T
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60T Datasheet(HTML) 1 Page - Microchip Technology

  ENC28J60T Datasheet HTML 1Page - Microchip Technology ENC28J60T Datasheet HTML 2Page - Microchip Technology ENC28J60T Datasheet HTML 3Page - Microchip Technology ENC28J60T Datasheet HTML 4Page - Microchip Technology ENC28J60T Datasheet HTML 5Page - Microchip Technology ENC28J60T Datasheet HTML 6Page - Microchip Technology ENC28J60T Datasheet HTML 7Page - Microchip Technology ENC28J60T Datasheet HTML 8Page - Microchip Technology ENC28J60T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 102 page
background image
 2006-2012 Microchip Technology Inc.
.
DS39662E-page 1
ENC28J60
Ethernet Controller Features
• IEEE 802.3™ Compatible Ethernet Controller
• Fully Compatible with 10/100/1000Base-T Networks
• Integrated MAC and 10Base-T PHY
• Supports One 10Base-T Port with Automatic
Polarity Detection and Correction
• Supports Full and Half-Duplex modes
• Programmable Automatic Retransmit on Collision
• Programmable Padding and CRC Generation
• Programmable Automatic Rejection of Erroneous
Packets
• SPI Interface with Clock Speeds up to 20 MHz
Buffer
• 8-Kbyte Transmit/Receive Packet Dual Port SRAM
• Configurable Transmit/Receive Buffer Size
• Hardware Managed Circular Receive FIFO
• Byte-Wide Random and Sequential Access with
Auto-Increment
• Internal DMA for Fast Data Movement
• Hardware Assisted Checksum Calculation for
Various Network Protocols
Medium Access Controller (MAC)
Features
• Supports Unicast, Multicast and Broadcast
Packets
• Programmable Receive Packet Filtering and Wake-up
Host on Logical AND or OR of the Following:
- Unicast destination address
- Multicast address
- Broadcast address
- Magic Packet™
- Group destination addresses as defined by
64-bit Hash Table
- Programmable Pattern Matching of up to
64 bytes at user-defined offset
Physical Layer (PHY) Features
• Loopback mode
• Two Programmable LED Outputs for LINK, TX,
RX, Collision and Full/Half-Duplex Status
Operational
• Six Interrupt Sources and One Interrupt Output Pin
• 25 MHz Clock Input Requirement
• Clock Out Pin with Programmable Prescaler
• Operating Voltage of 3.1V to 3.6V (3.3V typical)
• 5V Tolerant Inputs
• Temperature Range: -40°C to +85°C Industrial,
0°C to +70°C Commercial (SSOP only)
• 28-Pin SPDIP, SSOP, SOIC, QFN Packages
Package Types
28-Pin SPDIP, SSOP, SOIC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
OSC2
OSC1
NC(1)
1
2
3
4
5
6
7
89 10
28 27 26 25 24 23 22
21
20
19
ENC28J60
11 12 13 14
18
17
16
15
VDDOSC
28-Pin QFN(2)
RESET
CS
SO
SI
SCK
VSSRX
VDDRX
VSSOSC
VDDPLL
VSSPLL
VCAP
OSC2
OSC1
VDDRX
VSSTX
TPOUT+
TPOUT-
LEDA
LEDB
VDDOSC
VSSOSC
VDDTX
VDDPLL
VSSPLL
CLKOUT
RESET
CS
SO
SI
TPIN+
TPIN-
RBIAS
INT
NC(1)
SCK
VDD
VSS
VSSRX
Note 1: Reserved pin; always leave disconnected.
2: The back pad on QFN devices should be connected
to Vss.
Stand-Alone Ethernet Controller with SPI Interface


Similar Part No. - ENC28J60T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ENC28J60T MICROCHIP-ENC28J60T Datasheet
1Mb / 96P
Stand-Alone Ethernet Controller with SPI Interface
2006
ENC28J60T-C/ML MICROCHIP-ENC28J60T-C/ML Datasheet
1Mb / 96P
Stand-Alone Ethernet Controller with SPI Interface
2006
ENC28J60T-C/SO MICROCHIP-ENC28J60T-C/SO Datasheet
1Mb / 96P
Stand-Alone Ethernet Controller with SPI Interface
2006
ENC28J60T-C/SP MICROCHIP-ENC28J60T-C/SP Datasheet
1Mb / 96P
Stand-Alone Ethernet Controller with SPI Interface
2006
ENC28J60T-C/SS MICROCHIP-ENC28J60T-C/SS Datasheet
1Mb / 96P
Stand-Alone Ethernet Controller with SPI Interface
2006
More results

Similar Description - ENC28J60T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2510 MICROCHIP-MCP2510 Datasheet
993Kb / 76P
Stand-Alone CAN Controller with SPI Interface
2000 - 2001
MCP2515 MICROCHIP-MCP2515 Datasheet
1Mb / 84P
Stand-Alone CAN Controller With SPI??Interface
2005
MCP2510 MICROCHIP-MCP2510_07 Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
2007
ENC28J60 MICROCHIP-ENC28J60_06 Datasheet
1Mb / 96P
Stand-Alone Ethernet Controller with SPI Interface
2006
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2510I-ST MICROCHIP-MCP2510I-ST Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
12/08/06
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515-E MICROCHIP-MCP2515-E Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515T-E MICROCHIP-MCP2515T-E Datasheet
633Kb / 84P
Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
Stand-Alone CAN Controller With SPI Interface
10/05/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com