Electronic Components Datasheet Search
  English  ▼

X  

ENC28J60 Datasheet(PDF) 79 Page - Microchip Technology

Part # ENC28J60
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60 Datasheet(HTML) 79 Page - Microchip Technology

Back Button ENC28J60 Datasheet HTML 75Page - Microchip Technology ENC28J60 Datasheet HTML 76Page - Microchip Technology ENC28J60 Datasheet HTML 77Page - Microchip Technology ENC28J60 Datasheet HTML 78Page - Microchip Technology ENC28J60 Datasheet HTML 79Page - Microchip Technology ENC28J60 Datasheet HTML 80Page - Microchip Technology ENC28J60 Datasheet HTML 81Page - Microchip Technology ENC28J60 Datasheet HTML 82Page - Microchip Technology ENC28J60 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 102 page
background image
 2006-2012 Microchip Technology Inc.
.
DS39662E-page 79
ENC28J60
16.0 ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature under bias.............................................................................................-40°C to +85°C (Industrial)
0°C to +70°C (Commercial)
Voltage on VDD, VDDOSC, VDDPLL, VDDRX and VDDTX, with respect to VSS ................................................. -0.3V to 3.6V
Voltage on RESET, CS, SCK and SI, with respect to VSS ........................................................................... -0.3V to 6.0V
Voltage on CLKOUT, SO, OSC1, OSC2, LEDA and LEDB, with respect to VSS ...............................-0.3V to VDD + 0.3V
Voltage on TPIN+/- and TPOUT+/- with respect to VSS............................................................................... -0.3V to 5.0V
VCAP with respect to VSS (Note 1) ............................................................................................................. -0.3V to 2.75V
ESD protection on all pins.......................................................................................................................................... 2 kV
Current sourced or sunk by LEDA, LEDB...............................................................................................................12 mA
Current sourced or sunk by CLKOUT .......................................................................................................................8 mA
Current sourced or sunk by INT and SO...................................................................................................................4 mA
Note 1:
VCAP is not designed to supply an external load. No external voltage should be applied to this pin.
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated in
the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com