Electronic Components Datasheet Search
  English  ▼

X  

MCP87055 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP87055
Description  High-Speed N-Channel Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP87055 Datasheet(HTML) 2 Page - Microchip Technology

  MCP87055 Datasheet HTML 1Page - Microchip Technology MCP87055 Datasheet HTML 2Page - Microchip Technology MCP87055 Datasheet HTML 3Page - Microchip Technology MCP87055 Datasheet HTML 4Page - Microchip Technology MCP87055 Datasheet HTML 5Page - Microchip Technology MCP87055 Datasheet HTML 6Page - Microchip Technology MCP87055 Datasheet HTML 7Page - Microchip Technology MCP87055 Datasheet HTML 8Page - Microchip Technology MCP87055 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MCP87055
DS22323B-page 2
 2012 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDS.......................................................................+25V
VGS........................................................... +10.0V / -8V
ID, Continuous ......................................60A, TC = 25˚C
PD..................................................... 1.8W, TA = +25˚C
TJ, TSTG.............................................. -55˚C to +150˚C
EAS Avalanche Energy..................................... 162 mJ
ID =18A, L= 1mH, RG =25Ω
† Notice:
Stresses above those listed under “Maxi-
mum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional oper-
ation of the device at those or any other conditions
above those indicated in the operational sections of this
specification is not intended. Exposure to maximum
rating conditions for extended periods may affect
device reliability.
DC ELECTRICAL CHARACTERISTICS
Electrical Characteristics:
Unless otherwise indicated, TA = +25°C
Parameters
Sym
Min
Typ
Max
Units
Conditions
Static Characteristics
Drain-to-Source
Breakdown Voltage
BVDSS
25
—
—
V
VGS = 0V, ID = 250 µA
Drain-to-Source Leakage Current
IDSS
——
1
µA
VGS = 0V, VDS = 20V
Gate-to-Source Leakage Current
IGSS
—
—
100
nA
VDS = 0V, VGS = 10V/-8V
Gate-to-Source Threshold Voltage
VGS(TH)
1.11.351.7
V
VDS = VGS, ID = 250 µA
Drain-to-Source On Resistance
RDS(ON)
—5.7
7
m
VGS = 4.5V, ID = 20A
—4.7
6
m
VGS = 10V, ID = 20A
Transconductance
gfs
—92
—
S
VDS = 12.5V, ID = 20A
Dynamic Characteristics
Input Capacitance
CISS
—
890
—
pF
VGS = 0V, VDS = 12.5V, f = 1 MHz
Output Capacitance
COSS
—
420
—
pF
VGS = 0V, VDS = 12.5V, f = 1 MHz
Reverse Transfer Capacitance
CRSS
—114
—
pF
VGS = 0V, VDS = 12.5V, f = 1 MHz
Total Gate Charge
QG
—11
14
nC
VDS = 12.5V, ID = 20A, VGS = 4.5V
Gate-to-Drain Charge
QGD
—4.5
—
nC
VDS = 12.5V, ID = 20A
Gate-to-Source Charge
QGS
—1.8
—
nC
VDS = 12.5V, ID = 20A
Gate Charge at VTH
QG(TH)
—1.1
—
nC
VDS = 12.5V, ID = 20A
Output Charge
QOSS
—8
—
nC
VDS = 12.5V, VGS = 0
Turn-On Delay Time
td(on)
—4.5
—
ns
VDS = 12.5V, VGS = 4.5V,
ID = 20A, RG = 2
Rise Time
tr
—11
—
ns
VDS = 12.5V, VGS = 4.5V,
ID = 20A, RG = 2
Turn-Off Delay Time
td(off)
—9
—
ns
VDS = 12.5V, VGS = 4.5V,
ID = 20A, RG = 2
Fall Time
tf
—4.6
—
ns
VDS = 12.5V, VGS = 4.5V,
ID = 20A, RG = 2
Series Gate Resistance
RG
—2.1
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com