Electronic Components Datasheet Search
  English  ▼

X  

MTD6501D Datasheet(PDF) 7 Page - Microchip Technology

Part # MTD6501D
Description  3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTD6501D Datasheet(HTML) 7 Page - Microchip Technology

Back Button MTD6501D Datasheet HTML 3Page - Microchip Technology MTD6501D Datasheet HTML 4Page - Microchip Technology MTD6501D Datasheet HTML 5Page - Microchip Technology MTD6501D Datasheet HTML 6Page - Microchip Technology MTD6501D Datasheet HTML 7Page - Microchip Technology MTD6501D Datasheet HTML 8Page - Microchip Technology MTD6501D Datasheet HTML 9Page - Microchip Technology MTD6501D Datasheet HTML 10Page - Microchip Technology MTD6501D Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
 2010-2012 Microchip Technology Inc.
DS22263B-page 7
MTD6501C/D/G
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
MTD6501C/D/G PIN FUNCTION TABLE
MTD6501C,
MTD6501G
MTD6501D
Type
Symbol
Description
SOP-8
MSOP
1
1
O
FG
Motor speed indication output
23
P
VDD
Internal regulator output (for decoupling only)
3
4
O
OUT1
Single-phase coil output pin
4
5
O
OUT2
Single-phase coil output pin
5
2, 6
P
GND
Negative voltage supply (ground)
6
7
O
OUT3
Single-phase coil output pin
78
P
VCC
Positive voltage supply for motor driver
8
10
I
PWM
PWM input signal for speed control
N/A
9
I
BOOST
Boost mode selection:
• Pin floating for Normal mode
• Pin tied to GND for Boost mode
Legend:
I = Input; O = Output; P = Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com