Electronic Components Datasheet Search
  English  ▼

X  

MTD6501G Datasheet(PDF) 6 Page - Microchip Technology

Part # MTD6501G
Description  3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTD6501G Datasheet(HTML) 6 Page - Microchip Technology

Back Button MTD6501G Datasheet HTML 2Page - Microchip Technology MTD6501G Datasheet HTML 3Page - Microchip Technology MTD6501G Datasheet HTML 4Page - Microchip Technology MTD6501G Datasheet HTML 5Page - Microchip Technology MTD6501G Datasheet HTML 6Page - Microchip Technology MTD6501G Datasheet HTML 7Page - Microchip Technology MTD6501G Datasheet HTML 8Page - Microchip Technology MTD6501G Datasheet HTML 9Page - Microchip Technology MTD6501G Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MTD6501C/D/G
DS22263B-page 6
 2010-2012 Microchip Technology Inc.
FIGURE 1-1:
Allowable Power Dissipation (PD_MAX) as a Function of Ambient Temperature (TA).
TEMPERATURE SPECIFICATIONS
Electrical Specifications:
Unless otherwise specified, all limits are established for VCC = 5.0V, TA = +25°C
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Temperature
TOPR
-30
—
+95
°C
Storage Temperature Range
TSTG
-55
—
+150
°C
0
0.2
0.4
0.6
0.8
1
1.2
TA (°C)
SOP-8
MSOP-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com